Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35317-0620 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 35317-0620
Description  4.20mm (.165") Pitch Mini-Fit짰 Header
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

35317-0620 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  35317-0620 Datasheet HTML 1Page - Molex Electronics Ltd. 35317-0620 Datasheet HTML 2Page - Molex Electronics Ltd. 35317-0620 Datasheet HTML 3Page - Molex Electronics Ltd. 35317-0620 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
13A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-35317-001
Product Specification
PS-35317-001
Sales Drawing
SD-35317-***0, SD-35317-001
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 35317-0620

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35317-0620 MOLEX11-35317-0620 Datasheet
40Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com