Electronic Components Datasheet Search |
|
0310731010 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0310731010 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0310731010 Status: Active Overview: hdac_64_single_row Description: 2.54mm (.100") H-DAC 64™, 6 Way Receptacle Assembly, Single-Row, Polarization A Documents: Drawing (PDF) Product Specification PS-31100-0001 (PDF) Application Specification (PDF) RoHS Certificate of Compliance (PDF) Product Specification PS-31067-0001 (PDF) General Product Family Crimp Housings Series 31073 Comments Polarization Option A, Black Overview hdac_64_single_row Product Name H-DAC 64™ Physical Circuits (maximum) 6 Circuits Detail 6 Color - Resin Black, White Gender Female Glow-Wire Compliant No Keying to Mating Part None Lock to Mating Part Yes Material - Resin Modified Polystyrene, Polyester Number of Rows 1 Packaging Type Bag Panel Mount No Pitch - Mating Interface (in) 0.100 In Pitch - Mating Interface (mm) 2.54 mm Pitch - Term. Interface (in) 0.100 In Pitch - Term. Interface (mm) 2.54 mm Polarized to Mating Part Yes Ports 1 Stackable No Temperature Range - Operating -40°C to +100°C Electrical Current - Maximum per Contact 11A, 9A Material Info Reference - Drawing Numbers Application Specification AS-31067-100 Packaging Specification PK-30907-737, PK-31301-076 Product Specification PS-31067-0001, PS-31100-0001 Sales Drawing SD-31109-003 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 31073Series Mates With H-DAC 64™, 6 Way Male Housing Assembly 310731040 , 310731070 Use With See Product Spec This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 0310731010 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |