Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25002-0505 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 25002-0505
Description  2.54mm (.100") Pitch Board-to-Board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

25002-0505 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  25002-0505 Datasheet HTML 1Page - Molex Electronics Ltd. 25002-0505 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 25002-0505

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
25002-0502 MOLEX4-25002-0502 Datasheet
174Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper
25002-0503 MOLEX4-25002-0503 Datasheet
174Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper
25002-0504 MOLEX4-25002-0504 Datasheet
174Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper - 24 AWG, StrandedTopcoat, 5 Circuits, Strip and Retain, 0.102m (4.00") Length
25002-0506 MOLEX4-25002-0506 Datasheet
174Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper - 24 AWG, StrandedTopcoat, 5 Circuits, Strip and Retain, 0.152m (6.00") Length
25002-0507 MOLEX4-25002-0507 Datasheet
174Kb / 2P
   2.54mm (.100
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com