Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM6K1 Datasheet(PDF) 3 Page - Rohm

Part # UM6K1
Description  Small switching (30V, 0.1A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UM6K1 Datasheet(HTML) 3 Page - Rohm

  UM6K1 Datasheet HTML 1Page - Rohm UM6K1 Datasheet HTML 2Page - Rohm UM6K1 Datasheet HTML 3Page - Rohm UM6K1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
196
Transistor
UM6K1N
Fig.6
Static drain-source on-state
resistance vs. gate-source
voltage
Fig.7
Static drain-source on-state
resistance vs. channel
temperature
Fig.8
Forward transfer
admittance vs. drain current
Fig.11
Typical capacitance vs.
drain-source voltage
Fig.12
Switching characteristics
(See Figures 13 and 14 for
the measurement circuit
and resultant waveforms)


Similar Part No. - UM6K1

ManufacturerPart #DatasheetDescription
logo
Rohm
UM6K1N ROHM-UM6K1N Datasheet
76Kb / 4P
   2.5V Drive NchNch MOS FET
UM6K1N ROHM-UM6K1N Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
logo
Unisonic Technologies
UM6K1N UTC-UM6K1N Datasheet
187Kb / 4P
   SILICON N-CHANNEL MOSFET
logo
Jiangsu Changjiang Elec...
UM6K1N JIANGSU-UM6K1N Datasheet
1Mb / 5P
   Dual N-channel MOSFET
logo
Unisonic Technologies
UM6K1NG-AL6-R UTC-UM6K1NG-AL6-R Datasheet
187Kb / 4P
   SILICON N-CHANNEL MOSFET
More results

Similar Description - UM6K1

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK3019 ROHM-2SK3019 Datasheet
87Kb / 5P
   Small switching (30V, 0.1A)
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 5P
   Small switching (30V, 0.1A)
UM5K1N ROHM-UM5K1N Datasheet
86Kb / 5P
   Small switching (30V, 0.1A)
2SK3541 ROHM-2SK3541 Datasheet
86Kb / 5P
   Small switching (30V, 0.1A)
EM6K1 ROHM-EM6K1 Datasheet
85Kb / 4P
   Small switching (30V, 0.1A)
logo
SUNMATE electronic Co.,...
1S1553 SUNMATE-1S1553 Datasheet
133Kb / 1P
   0.1A Axial Leaded Small Signal Switching Diode
logo
Rohm
QS5U12 ROHM-QS5U12 Datasheet
91Kb / 5P
   Small switching (30V, 2.0A)
QS5U13 ROHM-QS5U13 Datasheet
66Kb / 5P
   Small switching (30V, 2.0A)
QS5U16 ROHM-QS5U16 Datasheet
91Kb / 5P
   Small switching (30V, 2.0A)
QS5U17 ROHM-QS5U17 Datasheet
91Kb / 5P
   Small switching (30V, 2.0A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com