Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19600-1302 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 19600-1302
Description  Avikrimp??Fully Insulated Female Quick Disconnect
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

19600-1302 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  19600-1302 Datasheet HTML 1Page - Molex Electronics Ltd. 19600-1302 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0196001302
Status:
Active
Description:
Avikrimp™ Fully Insulated Female Quick Disconnect
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19600
Crimp Quality Equipment
Yes
Product Name
Avikrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Brass
Orientation
Straight
Packaging Type
Bag
Polarized to Mating Part
No
Tab Thickness
0.51mm (.020")
Tab Width
4.75mm (.187")
Temperature Range - Operating
-65°C to +105°C
Wire Insulation Diameter
6.89x4.32mm (.270x.170") max.
Wire Size AWG
16+16, 18+18, 20+20, 22+22
Electrical
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-19600-1300
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19600Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
HAND CRIMP TOOL 0640017100
Air Powered Crimp
Tool Head
0640057100
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 19600-1302

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19600-1300 MOLEX4-19600-1300 Datasheet
129Kb / 2P
   Avikrimp??Fully Insulated Female Quick Disconnect
19600-1304 MOLEX4-19600-1304 Datasheet
129Kb / 2P
   Avikrimp??Fully Insulated Female Quick Disconnect
19600-1308 MOLEX4-19600-1308 Datasheet
130Kb / 3P
   Avikrimp??Fully Insulated Female Quick Disconnect
More results

Similar Description - 19600-1302

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0196001300 MOLEX4-0196001300 Datasheet
129Kb / 2P
   Avikrimp??Fully Insulated Female Quick Disconnect
0196001308 MOLEX4-0196001308 Datasheet
130Kb / 3P
   Avikrimp??Fully Insulated Female Quick Disconnect
0196001307 MOLEX4-0196001307 Datasheet
130Kb / 3P
   Avikrimp??Fully Insulated Female Quick Disconnect
0196001304 MOLEX4-0196001304 Datasheet
129Kb / 2P
   Avikrimp??Fully Insulated Female Quick Disconnect
0196001306 MOLEX4-0196001306 Datasheet
130Kb / 3P
   Avikrimp??Fully Insulated Female Quick Disconnect
0196020012 MOLEX4-0196020012 Datasheet
121Kb / 2P
   Avikrimp??Fully Insulated Piggyback Quick Disconnect
0190070082 MOLEX4-0190070082 Datasheet
114Kb / 2P
   InsulKrimp??Female Fully Insulated Quick Disconnect
0190020013 MOLEX3-0190020013 Datasheet
155Kb / 2P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Box
0190020019 MOLEX3-0190020019 Datasheet
155Kb / 2P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Box
0190020009 MOLEX3-0190020009 Datasheet
155Kb / 2P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Box
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com