Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-211DT Datasheet(PDF) 1 Page - Rohm

Part # SML-211DT
Description  Low Current Type (IF=<10mA) Mini-molded chip LEDs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-211DT Datasheet(HTML) 1 Page - Rohm

  SML-211DT Datasheet HTML 1Page - Rohm SML-211DT Datasheet HTML 2Page - Rohm SML-211DT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT LED LAMPS
External Dimensions(Unit:mm)
Low Current Type (IF≦10mA) Mini-molded chip LEDs
SML-211 Series
(Typ.)
Directivity
The recommended thickness of the screen mask
for soldering is between 100 and 200μm. The
hole size of the screen mask should be same as
the recommended land pattern or smaller.
Packaging Spacifications(Unit:mm)
Recommemded Pad Layout
2012
(0805)
2.0
×1.25
t=0.8
*IFP measured under duty ≦1/ 5,pulse width ≦1ms.
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
Tolerance:
±0.1
VR
(V)
∆λ
Absolute Maximum Ratings(Ta=25℃)
Electrical Optical Characteristics(Ta=25℃)
Feeding direction
2
4
φ1.5
1.7
1.0
φ13
φ60
φ180
Package Size
(mm)
Tape Spacifications:T86〈3,000pcs/reel〉
Reel Spacifications
Yellow
Orange
Red
AlGaInP on GaAs
Transparent
Clear
100
4
Terminal
Cathode mark
2.0
+0.2
0
1.4
1.2
Relative brightness (
%)
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
(Unit:mm)
Y’
X’
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak
forward
current
*IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
°C)
Stotage
temperature
Tstg
°C)
Emitting
color
Peak Half-wave
590nm
611nm
630nm
SML-211YT
SML-211DT
SML-211UT
SML-211YT
SML-211DT
SML-211UT
SML-211YT
SML-211DT
SML-211UT
44
Yellow
Orange
Red
20
60
4
-30 to +85
-40 to +85
590
1.4
4
0.9
2.5
15
2
611
16
2
2
1.8
630
18
1.1


Similar Part No. - SML-211DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-211DT ROHM-SML-211DT Datasheet
84Kb / 3P
   Chip LEDs with low power consumption
SML-211DT ROHM-SML-211DT Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-211DT ROHM-SML-211DT Datasheet
136Kb / 3P
   SML-21 Series
SML-211DT ROHM-SML-211DT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-211DT ROHM-SML-211DT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
More results

Similar Description - SML-211DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML512 ROHM-SML512 Datasheet
105Kb / 3P
   Low Current Type (IF=<10mA) Mini-molded chip LEDs
SML412 ROHM-SML412 Datasheet
148Kb / 3P
   Low Current Type (IF =<10mA) Mini-molded chip LEDs
SMLA12 ROHM-SMLA12 Datasheet
265Kb / 3P
   Low Current Type (IF=<10mA) Side view chip LEDs
SML-811 ROHM-SML-811 Datasheet
319Kb / 3P
   Low Current Type (IF <=10mA) Back-fire chip LEDs
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
   Low Current Type(IF 10mA)
SML-311DTT86 ROHM-SML-311DTT86 Datasheet
106Kb / 3P
   Low Current Type(IF 10mA)
SML-311UTT86K ROHM-SML-311UTT86K Datasheet
113Kb / 3P
   Low Current Type(IF 10mA)
SML-310DTT86 ROHM-SML-310DTT86 Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-210 ROHM-SML-210 Datasheet
653Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310 ROHM-SML-310 Datasheet
418Kb / 3P
   Standard Type Mini-molded chip LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com