Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLB-25MG Datasheet(PDF) 2 Page - Rohm

Part # SLB-25MG
Description  Standard Type Square Type LED Lamps
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLB-25MG Datasheet(HTML) 2 Page - Rohm

  SLB-25MG Datasheet HTML 1Page - Rohm SLB-25MG Datasheet HTML 2Page - Rohm SLB-25MG Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CONVENTIONAL LED LAMPS
Electrical Characteristic Curves
20
10
5.0
2.0
1.0
0.5
0.2
0.1
1.5
1.0
2.0
2.5
3.0
50
FORWARD VOLTAGE : VF
(V)
Ta=25℃
Forward Current - Forward Voltage
Derating
20
10
0
20
30
40
50
60
70
80
90
30
AMBIENT TEMPERATURE : Ta
(℃)
SLB-25MG
SLB-25YY
SLB-25DU
SLB-25VR
SLB-25MG
SLB-25YY
SLB-25DU
SLB-25VR
SLB-25MG
SLB-25YY
SLB-25DU
SLB-25VR
SLB-25MG
SLB-25YY
SLB-25DU
SLB-25VR
SLB-25MG
SLB-25YY
SLB-25DU
SLB-25VR
Relative Luminous Intensity - Case Temperature
1.4
1.2
1.0
0.8
0.6
0.4
−20
0
20
40
60
80
CASE TEMPERATURE
(℃)
Relative Luminous Intensity - Forward Current
Ta=25℃
10
1
0.1
1
10
100
0.1
FORWARD CURRENT : IF
(
mA)
Ratio of Maximum Tolerable Peak Current - Pulse Duration
1
10
3
2.4
10
1
100
1000
10000
PULSE DURATION : Tw
(usec)


Similar Part No. - SLB-25MG

ManufacturerPart #DatasheetDescription
logo
Rohm
SLB-25MG ROHM-SLB-25MG Datasheet
129Kb / 3P
   SLB-25 Series
SLB-25MG3F ROHM-SLB-25MG3F Datasheet
129Kb / 3P
   SLB-25 Series
More results

Similar Description - SLB-25MG

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L55 BETLUX-BL-L55 Datasheet
230Kb / 4P
   5mm square type LED Lamps
logo
LIGITEK electronics co....
L12UY9653R-30B-AM LIGITEK-L12UY9653R-30B-AM Datasheet
111Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LURF9653-30B LIGITEK-LURF9653-30B Datasheet
126Kb / 7P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LURF9653S-30B LIGITEK-LURF9653S-30B Datasheet
111Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LDBK9653-00 LIGITEK-LDBK9653-00 Datasheet
126Kb / 7P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUY9653H-30B LIGITEK-LUY9653H-30B Datasheet
112Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUY9653H-50A LIGITEK-LUY9653H-50A Datasheet
113Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LDGM9653Z-30B LIGITEK-LDGM9653Z-30B Datasheet
112Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
logo
Everlight Electronics C...
583SURD EVERLIGHT-583SURD Datasheet
78Kb / 4P
   5.0*5.0mm Square Type LED Lamps
583SYGD-S530-E2 EVERLIGHT-583SYGD-S530-E2 Datasheet
116Kb / 6P
   5.0*5.0mm Square Type LED Lamps
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com