Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5597-21CPB7F Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5597-21CPB7F
Description  1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF, 21 Circuits, Lead-free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

5597-21CPB7F Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5597-21CPB7F Datasheet HTML 1Page - Molex Electronics Ltd. 5597-21CPB7F Datasheet HTML 2Page - Molex Electronics Ltd. 5597-21CPB7F Datasheet HTML 3Page - Molex Electronics Ltd. 5597-21CPB7F Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0039532215
Status:
Active
Overview:
Description:
1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF, 21 Circuits,
Lead-free
Agency Certification
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
5597
Overview
ffc_fpc_throughhole
Product Name
N/A
Physical
Circuits (Loaded)
21
Color - Resin
Natural
Contact Position
N/A
Durability (mating cycles max)
30
Entry Angle
Vertical
Flammability
94V-0
Mated Height (in)
0.295 In
Mated Height (mm)
7.50 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin-Bismuth
Material - Plating Termination
Tin-Bismuth
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
No
PCB Retention
None
Packaging Type
Tray
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-20°C to +80°C
Termination Interface: Style
Through Hole
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
200V
Material Info
Old Part Number
5597-21CPB7F
Reference - Drawing Numbers
Packaging Specification
SPK-5597-001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5597Series


Similar Part No. - 5597-21CPB7F

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5597-21APB7F MOLEX3-5597-21APB7F Datasheet
165Kb / 4P
   1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Right Angle, ZIF, Top Contact Style, 21 Circuits, Lead-free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com