Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0082264403 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0082264403
Description  2.00mm (.079") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded, Topcoat, 3 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0082264403 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0082264403 Datasheet HTML 1Page - Molex Electronics Ltd. 0082264403 Datasheet HTML 2Page - Molex Electronics Ltd. 0082264403 Datasheet HTML 3Page - Molex Electronics Ltd. 0082264403 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 0082264403

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0082264402 MOLEX3-0082264402 Datasheet
241Kb / 4P
   2.00mm (.079") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded, Topcoat, 2 Circuits
0082264404 MOLEX3-0082264404 Datasheet
241Kb / 4P
   2.00mm (.079") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded, Topcoat, 4 Circuits
0082264405 MOLEX3-0082264405 Datasheet
241Kb / 4P
   2.00mm (.079") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded, Topcoat, 5 Circuits
0082264406 MOLEX3-0082264406 Datasheet
241Kb / 4P
   2.00mm (.079") Pitch Round Conductor Flat Cable
0082264407 MOLEX3-0082264407 Datasheet
241Kb / 4P
   2.00mm (.079") Pitch Round Conductor Flat Cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com