Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

38-00-1422 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 38-00-1422
Description  2.54mm (.100") Pitch KK PC Board Connector, Top Entry, 2 Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

38-00-1422 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button 38-00-1422 Datasheet HTML 4Page - Molex Electronics Ltd. 38-00-1422 Datasheet HTML 5Page - Molex Electronics Ltd. 38-00-1422 Datasheet HTML 6Page - Molex Electronics Ltd. 38-00-1422 Datasheet HTML 7Page - Molex Electronics Ltd. 38-00-1422 Datasheet HTML 8Page - Molex Electronics Ltd. 38-00-1422 Datasheet HTML 9Page - Molex Electronics Ltd. 38-00-1422 Datasheet HTML 10Page - Molex Electronics Ltd. 38-00-1422 Datasheet HTML 11Page - Molex Electronics Ltd. 38-00-1422 Datasheet HTML 12Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
KK 100 PCB ASSY 2-25 CKT
4455 SERIES
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-2172
D7
DATE:
4/15/2010
TITLE:
KK 100 PCB ASSY
4455 SERIES DWG
- 6 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-4455
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy Proc:
TOP ENTRY
Assy Proc:
TOP ENTRY
Assy Proc:
TOP ENTRY
Assy Proc:
RIGHT ANGLE
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Housing No:
4455-N
Housing No:
4455-N
Housing No:
4455-4
Housing No:
4455-AN
Terminal No:
6516-4(P909)
Terminal No:
6516-4(565)
Terminal No:
6516-4(208)
Terminal No:
4316-4(P909)
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Plating:
P909
Plating:
565
Plating:
208
Plating:
P909
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Voids:
NONE
Voids:
NONE
Voids:
NONE
Voids:
NONE
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
A-4455-CZ02B(P909)
22-18-2022
A-4455-CZ02B(565)
A-4455-CZ02B(208)
3
A-4455-CZ 03 B(P909)
22-18-2032
A-4455-CZ 03 B(565)
A-4455-CZ 03B(208)
4
A-4455-CZ 04 B(P909)
22-18-2042
A-4455-CZ 04 B(565)
A-4455-CZ 04 B(208)
5
A-4455-CZ 05 B(P909)
22-18-2052
A-4455-CZ 05 B(565)
A-4455-CZ 05 B(208)
6
A-4455-CZ 06 B(P909)
22-18-2062
A-4455-CZ 06 B(565)
A-4455-CZ 06 B(208)
7
A-4455-CZ 07 B(P909)
22-18-2072
A-4455-CZ 07 B(565)
A-4455-CZ 07 B(208)
22-15-2075
A-4455-AA07A(P909)
8
A-4455-CZ 08 B(P909)
22-18-2082
A-4455-CZ 08 B(565)
A-4455-CZ 08 B(208)
22-15-2085
A-4455-AA 08A(P909)
9
A-4455-CZ 09 B(P909)
22-18-2092
A-4455-CZ 09 B(565)
A-4455-CZ 09 B(208)
22-15-2095
A-4455-AA 09A(P909)
10
A-4455-CZ 10 B(P909)
22-18-2102
A-4455-CZ 10 B(565)
A-4455-CZ 10 B(208)
22-15-2105
A-4455-AA 10A(P909)
11
A-4455-CZ 11 B(P909)
22-18-2112
A-4455-CZ 11 B(565)
A-4455-CZ 11 B(208)
22-15-2115
A-4455-AA 11A(P909)
12
A-4455-CZ 12 B(P909)
22-18-2122
A-4455-CZ 12 B(565)
A-4455-CZ 12 B(208)
22-15-2125
A-4455-AA 12A(P909)
13
A-4455-CZ 13 B(P909)
22-18-2132
A-4455-CZ 13 B(565)
A-4455-CZ 13 B(208)
22-15-2135
A-4455-AA 13A(P909)
14
A-4455-CZ 14 B(P909)
22-18-2142
A-4455-CZ 14 B(565)
A-4455-CZ 14 B(208)
22-15-2145
A-4455-AA 14A(P909)
15
A-4455-CZ 15 B(P909)
22-18-2152
A-4455-CZ 15 B(565)
A-4455-CZ 15 B(208)
22-15-2155
A-4455-AA 15A(P909)
16
A-4455-CZ 16 B(P909)
22-18-2162
A-4455-CZ 16 B(565)
A-4455-CZ 16 B(208)
22-15-2165
A-4455-AA 16A(P909)
17
A-4455-CZ 17 B(P909)
22-18-2172
A-4455-CZ 17 B(565)
A-4455-CZ 17 B(208)
22-15-2175
A-4455-AA 17A(P909)
18
A-4455-CZ 18 B(P909)
22-18-2182
A-4455-CZ 18 B(565)
A-4455-CZ 18 B(208)
22-15-2185
A-4455-AA 18A(P909)
19
A-4455-CZ 19 B(P909)
22-18-2192
A-4455-CZ 19 B(565)
A-4455-CZ 19 B(208)
22-15-2195
A-4455-AA 19A(P909)
20
A-4455-CZ 20 B(P909)
22-18-2202
A-4455-CZ 20 B(565)
A-4455-CZ 20 B(208)
22-15-2205
A-4455-AA 20A(P909)
21
A-4455-CZ 21 B(P909)
22-18-2212
A-4455-CZ 21 B(565)
A-4455-CZ 21 B(208)
22-15-2215
A-4455-AA 21A(P909)
22
A-4455-CZ 22 B(P909)
22-18-2222
A-4455-CZ 22 B(565)
A-4455-CZ 22 B(208)
22-15-2225
A-4455-AA 22A(P909)
23
A-4455-CZ 23 B(P909)
22-18-2232
A-4455-CZ 23 B(565)
A-4455-CZ 23 B(208)
22-15-2235
A-4455-AA 23A(P909)
24
A-4455-CZ 24 B(P909)
22-18-2242
A-4455-CZ 24 B(565)
A-4455-CZ 24 B(208)
22-15-2245
A-4455-AA 24A(P909)
25
A-4455-CZ 25 B(P909)
22-18-2252
A-4455-CZ 25 B(565)
A-4455-CZ 25 B(208)
22-15-2255
A-4455-AA 25A(P909)


Similar Part No. - 38-00-1422

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
38-00-1423 MOLEX3-38-00-1423 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Top Entry, 3 Circuits
38-00-1424 MOLEX3-38-00-1424 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 4 Circuits
38-00-1425 MOLEX3-38-00-1425 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Top Entry, 5 Circuits
38-00-1426 MOLEX3-38-00-1426 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Top Entry, 6 Circuits
38-00-1427 MOLEX3-38-00-1427 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Top Entry, 7 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com