Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39-30-0140 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 39-30-0140
Description  4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

39-30-0140 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  39-30-0140 Datasheet HTML 1Page - Molex Electronics Ltd. 39-30-0140 Datasheet HTML 2Page - Molex Electronics Ltd. 39-30-0140 Datasheet HTML 3Page - Molex Electronics Ltd. 39-30-0140 Datasheet HTML 4Page - Molex Electronics Ltd. 39-30-0140 Datasheet HTML 5Page - Molex Electronics Ltd. 39-30-0140 Datasheet HTML 6Page - Molex Electronics Ltd. 39-30-0140 Datasheet HTML 7Page - Molex Electronics Ltd. 39-30-0140 Datasheet HTML 8Page - Molex Electronics Ltd. 39-30-0140 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image


Similar Part No. - 39-30-0140

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-30-0140 MOLEX-39-30-0140 Datasheet
271Kb / 7P
   MINI-FIT JR RIGHT ANGLE HEADER ASSEMBLIES WITH MOUNTING PEGS
39-30-0140 MOLEX11-39-30-0140 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 14 Circuits, PA Polyamide Nylon 6/6, 94V-0, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com