Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0039299203 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0039299203
Description  4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0039299203 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0039299203 Datasheet HTML 1Page - Molex Electronics Ltd. 0039299203 Datasheet HTML 2Page - Molex Electronics Ltd. 0039299203 Datasheet HTML 3Page - Molex Electronics Ltd. 0039299203 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pitch - Term. Interface (in)
0.165 In
Pitch - Term. Interface (mm)
4.20 mm
Plating min: Mating (µin)
35
Plating min: Mating (µm)
0.90
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.50
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
13A
Voltage - Maximum
600V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
240
Material Info
Old Part Number
5566-20A2
Reference - Drawing Numbers
Packaging Specification
PK-5566-001
Product Specification
PS-5556-001
Sales Drawing
SDA-5566-N*2*-*
Test Summary
TS-5556-002
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0039299203

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039299203 MOLEX1-0039299203_18 Datasheet
44Kb / 2P
   Mini-Fit Jr. Vertical Header, 4.20mm Pitch, Dual Row, 20 Circuits, with Snap-in Plastic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com