Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41772-0002 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 41772-0002
Description  3.96mm (.156") Pitch KK Solid Header, Right Angle, without Peg, 2 Circuits, Tin (Sn) Plating
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

41772-0002 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  41772-0002 Datasheet HTML 1Page - Molex Electronics Ltd. 41772-0002 Datasheet HTML 2Page - Molex Electronics Ltd. 41772-0002 Datasheet HTML 3Page - Molex Electronics Ltd. 41772-0002 Datasheet HTML 4Page - Molex Electronics Ltd. 41772-0002 Datasheet HTML 5Page - Molex Electronics Ltd. 41772-0002 Datasheet HTML 6Page - Molex Electronics Ltd. 41772-0002 Datasheet HTML 7Page - Molex Electronics Ltd. 41772-0002 Datasheet HTML 8Page - Molex Electronics Ltd. 41772-0002 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
41772
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-0165
L6
DATE:
8/24/2009
TITLE:
KK 156 HEADER ASSEMBLY
FLAT RIGHT ANGLE
SOLID BODY W/O PEGS
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41772
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41772-0497/0513
Group
A-41772-0514/0530
Group
A-41772-0019/0035
Group
A-41772-0070/0086
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Pin No:
43294-0524
Pin No:
43294-0525
Pin No:
2161-16(501)
Pin No:
2161-21(102)
Plating:
208 – 15 GOLD
Plating:
228 – 30 GOLD
Plating:
501 – GOLD
Plating:
102-TIN
Pin Length L
26.92/ 1.060
Pin Length L
26.92/ 1.060
Pin Length L
25.40/ 1.000
Pin Length L
28.58 / 1.125
Mating
M
16.51 / .650
Mating
M
16.51 / .650
Mating
M
14.86 / .585
Mating
M
17.60/ .693
Gold Loc G
8.77/ .345
Gold Loc G
8.77/ .345
Gold Loc G
OVERALL
Gold Loc G
N/A
Height
Y
4.95 / .195
Height
Y
4.95 / .195
Height
Y
4.95 / .195
Height
Y
4.98/ .196
PC Tail
P
3.43 / .135
PC Tail
P
3.43 / .135
PC Tail
P
3.56 / .140
PC Tail
P
3.96/ .156
Tin Loc
T
5.08/ .200
Tin Loc
T
5.08/ .200
Tin Loc
T
N/A
Tin Loc
T
OVERALL
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Pack Per
PK-41772-002
Pack Per
PK-41772-002
Pack Per
PK-41772-002
Pack Per
PK-41772-002
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
41772-0497
A-41772-0497
41772-0514
A-41772-0514
26-61-3020
A-41772-0019
26-60-3026
A-41772-0070
3
41772-0498
A-41772-0498
41772-0515
A-41772-0515
26-61-3030
A-41772-0020
26-60-3036
A-41772-0071
4
41772-0499
A-41772-0499
41772-0516
A-41772-0516
26-61-3040
A-41772-0021
26-60-3046
A-41772-0072
5
41772-0500
A-41772-0500
41772-0517
A-41772-0517
26-61-3050
A-41772-0022
26-60-3056
A-41772-0073
6
41772-0501
A-41772-0501
41772-0518
A-41772-0518
26-61-3060
A-41772-0023
26-60-3066
A-41772-0074
7
41772-0502
A-41772-0502
41772-0519
A-41772-0519
26-61-3070
A-41772-0024
26-60-3076
A-41772-0075
8
41772-0503
A-41772-0503
41772-0520
A-41772-0520
26-61-3080
A-41772-0025
26-60-3086
A-41772-0076
9
41772-0504
A-41772-0504
41772-0521
A-41772-0521
26-61-3090
A-41772-0026
26-60-3096
A-41772-0077
10
41772-0505
A-41772-0505
41772-0522
A-41772-0522
26-61-3100
A-41772-0027
26-60-3106
A-41772-0078
11
41772-0506
A-41772-0506
41772-0523
A-41772-0523
26-61-3110
A-41772-0028
26-60-3116
A-41772-0079
12
41772-0507
A-41772-0507
41772-0524
A-41772-0524
26-61-3120
A-41772-0029
26-60-3126
A-41772-0080
13
41772-0508
A-41772-0508
41772-0525
A-41772-0525
26-61-3130
A-41772-0030
26-60-3136
A-41772-0081
14
41772-0509
A-41772-0509
41772-0526
A-41772-0526
26-61-3140
A-41772-0031
26-60-3146
A-41772-0082
15
41772-0510
A-41772-0510
41772-0527
A-41772-0527
26-61-3150
A-41772-0032
26-60-3156
A-41772-0083
16
41772-0511
A-41772-0511
41772-0528
A-41772-0528
26-61-3160
A-41772-0033
26-60-3166
A-41772-0084
17
41772-0512
A-41772-0512
41772-0529
A-41772-0529
26-61-3170
A-41772-0034
26-60-3176
A-41772-0085
18
41772-0513
A-41772-0513
41772-0530
A-41772-0530
26-61-3180
A-41772-0035
26-60-3186
A-41772-0086


Similar Part No. - 41772-0002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41772-0002 MOLEX11-41772-0002 Datasheet
64Kb / 2P
   KK짰 396 Header, Right-Angle, without Peg, 2 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com