Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0082266807 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0082266807
Description  1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 7 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0082266807 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0082266807 Datasheet HTML 1Page - Molex Electronics Ltd. 0082266807 Datasheet HTML 2Page - Molex Electronics Ltd. 0082266807 Datasheet HTML 3Page - Molex Electronics Ltd. 0082266807 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 0082266807

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0082266803 MOLEX3-0082266803 Datasheet
283Kb / 4P
   1.27mm (.050") Pitch Round Conductor Flat Cable
0082266804 MOLEX3-0082266804 Datasheet
283Kb / 4P
   1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 4 Circuits
0082266805 MOLEX3-0082266805 Datasheet
283Kb / 4P
   1.27mm (.050") Pitch Round Conductor Flat Cable
0082266806 MOLEX3-0082266806 Datasheet
275Kb / 4P
   1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 6 Circuits
0082266808 MOLEX3-0082266808 Datasheet
283Kb / 4P
   1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 8 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com