Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3191-01P Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 3191-01P
Description  2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing With Positive Latch, UL 94V-2, Panel Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

3191-01P Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  3191-01P Datasheet HTML 1Page - Molex Electronics Ltd. 3191-01P Datasheet HTML 2Page - Molex Electronics Ltd. 3191-01P Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0039036010
Status:
Active
Overview:
standard_093
Description:
2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing With Positive
Latch, UL 94V-2, Panel Mount, 1 Circuit
Documents:
3D Model
Product Specification PS-3191-005 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-3191-001 (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
3191
Comments
Polarized to Mating Part
Overview
standard_093
Product Name
Standard .093"
Physical
Breakaway
No
Circuits (maximum)
1
Color - Resin
Natural
Flammability
94V-2
Gender
Dual
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface (in)
0.264 In
Pitch - Mating Interface (mm)
6.71 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
12A
Material Info
Old Part Number
3191-01P
Reference - Drawing Numbers
Packaging Specification
SPK-3191-001
Product Specification
PS-3191-001, PS-3191-005
Sales Drawing
SD-3191-001, SD-3191-006
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
3191Series
Mates With
3191 Pin and Socket Recptacle, 5219
Vertical PCB Header
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1380 Male Crimp Terminals,
1381 Female Crimp Terminals, 1433 Crimp
Terminals, 1434 Male Crimp Terminals,
2605 , 2606 , 1973 , 2151 , 2273 , 2870 ,
2871 , 4272 , Lin
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 3191-01P

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3191-01P MOLEX11-3191-01P Datasheet
39Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Plug Housing with Positive Latch, UL
3191-01P1 MOLEX3-3191-01P1 Datasheet
98Kb / 2P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing With Positive Latch, UL 94V-2, 1 Circuit
3191-01P1 MOLEX11-3191-01P1 Datasheet
39Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Plug Housing with Positive Latch, UL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com