Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0039036010 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0039036010
Description  2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing With Positive Latch, UL 94V-2, Panel Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0039036010 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0039036010 Datasheet HTML 1Page - Molex Electronics Ltd. 0039036010 Datasheet HTML 2Page - Molex Electronics Ltd. 0039036010 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - 0039036010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039036011 MOLEX1-0039036011 Datasheet
32Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing with PositiveLatch
0039036012 MOLEX3-0039036012 Datasheet
98Kb / 2P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing With Positive Latch, UL 94V-2, 1 Circuit
0039036014 MOLEX3-0039036014 Datasheet
122Kb / 4P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing With Positive Latch, UL 94V-2, 1 Circuit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com