Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8997-04-100B Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 8997-04-100B
Description  2.54mm (.100") Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

8997-04-100B Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  8997-04-100B Datasheet HTML 1Page - Molex Electronics Ltd. 8997-04-100B Datasheet HTML 2Page - Molex Electronics Ltd. 8997-04-100B Datasheet HTML 3Page - Molex Electronics Ltd. 8997-04-100B Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 03/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0082245904
Status:
Active
Description:
2.54mm (.100") Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded,
Topcoat, 4 Circuits, Reel 30.48m (100.0' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR61126
UL
E61522
General
Product Family
Cable
Series
8997
Crimp Quality Equipment
Yes
Geographic Area
Asia
Product Name
Ribbon
Physical
Cable Length
30.48m (100.0' )
Circuits (Loaded)
4
Insulation
PVC
Packaging Type
Reel
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Temperature Range - Operating
-20°C to +105°C
Wire Size AWG
24
Wire/Cable Type
(7x32) Stranded, Topcoat
Electrical
Current - Maximum per Contact
N/A
Voltage - Maximum
300V
Material Info
Old Part Number
8997-04-100B
Reference - Drawing Numbers
Sales Drawing
SD-8997-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
8997Series
Use With
70400 C-Grid SL™ IDT Connector
Assembly. 70475 SL™ IDT Connector
Assembly. 7720 KK® IDT Double Cantilever
Contact
This document was generated on 03/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 8997-04-100B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
8997-02-100B MOLEX3-8997-02-100B Datasheet
222Kb / 4P
   2.54mm (.100") Pitch Round Conductor Flat Cable
8997-03-100B MOLEX3-8997-03-100B Datasheet
222Kb / 4P
   2.54mm (.100") Pitch Round Conductor Flat Cable
8997-05-100B MOLEX3-8997-05-100B Datasheet
222Kb / 4P
   2.54mm (.100") Pitch Round Conductor Flat Cable
8997-06-100B MOLEX3-8997-06-100B Datasheet
222Kb / 4P
   2.54mm (.100") Pitch Round Conductor Flat Cable
8997-07-100B MOLEX3-8997-07-100B Datasheet
222Kb / 4P
   2.54mm (.100") Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded, Topcoat, 7 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com