Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0026613120 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0026613120
Description  3.96mm (.156") Pitch KK Solid Header, Right Angle, without Peg, 12 Circuits, Gold (Au) Plating
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026613120 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0026613120 Datasheet HTML 1Page - Molex Electronics Ltd. 0026613120 Datasheet HTML 2Page - Molex Electronics Ltd. 0026613120 Datasheet HTML 3Page - Molex Electronics Ltd. 0026613120 Datasheet HTML 4Page - Molex Electronics Ltd. 0026613120 Datasheet HTML 5Page - Molex Electronics Ltd. 0026613120 Datasheet HTML 6Page - Molex Electronics Ltd. 0026613120 Datasheet HTML 7Page - Molex Electronics Ltd. 0026613120 Datasheet HTML 8Page - Molex Electronics Ltd. 0026613120 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
41772
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-0165
L6
DATE:
8/24/2009
TITLE:
KK 156 HEADER ASSEMBLY
FLAT RIGHT ANGLE
SOLID BODY W/O PEGS
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41772
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41772-0002/0018
Group
A-41772-0463/0479
Group
A-41772-0480/0496
Group
A-41772-0036/0052
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Pin No:
2161-16(102)
Pin No:
43294-0470
Pin No:
43294-0471
Pin No:
2161-52(102)
Plating:
102 – TIN
Plating:
208 - 15 GOLD
Plating:
228 - 30 GOLD
Plating:
102 – TIN
Pin Length L
25.40 / 1.000
Pin Length L
25.40 / 1.000
Pin Length L
25.40 / 1.000
Pin Length L
27.00 / 1.063
Mating
M
14.86 / .585
Mating
M
14.86 / .585
Mating
M
14.86 / .585
Mating
M
16.51 / .650
Gold Loc G
N/A
Gold Loc G
7.11/ .280
Gold Loc G
7.11/ .280
Gold Loc G
N/A
Height
Y
4.95 / .195
Height
Y
4.95 / .195
Height
Y
4.95 / .195
Height
Y
4.95 / .195
PC Tail
P
3.56 / .140
PC Tail
P
3.56 / .140
PC Tail
P
3.56 / .140
PC Tail
P
3.51 / .138
Tin Loc
T
OVERALL
Tin Loc
T
4.06/ .160
Tin Loc
T
4.06/ .160
Tin Loc
T
OVERALL
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Pack Per
PK-41772-002
Pack Per
PK-41772-002
Pack Per
PK-41772-002
Pack Per
PK-41772-002
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
26-60-3020
A-41772-0002
41772-0463
A-41772-0463
41772-0480
A-41772-0480
26-60-3021
A-41772-0036
3
26-60-3030
A-41772-0003
41772-0464
A-41772-0464
41772-0481
A-41772-0481
26-60-3031
A-41772-0037
4
26-60-3040
A-41772-0004
41772-0465
A-41772-0465
41772-0482
A-41772-0482
26-60-3041
A-41772-0038
5
26-60-3050
A-41772-0005
41772-0466
A-41772-0466
41772-0483
A-41772-0483
26-60-3051
A-41772-0039
6
26-60-3060
A-41772-0006
41772-0467
A-41772-0467
41772-0484
A-41772-0484
26-60-3061
A-41772-0040
7
26-60-3070
A-41772-0007
41772-0468
A-41772-0468
41772-0485
A-41772-0485
26-60-3071
A-41772-0041
8
26-60-3080
A-41772-0008
41772-0469
A-41772-0469
41772-0486
A-41772-0486
26-60-3081
A-41772-0042
9
26-60-3090
A-41772-0009
41772-0470
A-41772-0470
41772-0487
A-41772-0487
26-60-3091
A-41772-0043
10
26-60-3100
A-41772-0010
41772-0471
A-41772-0471
41772-0488
A-41772-0488
26-60-3101
A-41772-0044
11
26-60-3110
A-41772-0011
41772-0472
A-41772-0472
41772-0489
A-41772-0489
26-60-3111
A-41772-0045
12
26-60-3120
A-41772-0012
41772-0473
A-41772-0473
41772-0490
A-41772-0490
26-60-3121
A-41772-0046
13
26-60-3130
A-41772-0013
41772-0474
A-41772-0474
41772-0491
A-41772-0491
26-60-3131
A-41772-0047
14
26-60-3140
A-41772-0014
41772-0475
A-41772-0475
41772-0492
A-41772-0492
26-60-3141
A-41772-0048
15
26-60-3150
A-41772-0015
41772-0476
A-41772-0476
41772-0493
A-41772-0493
26-60-3151
A-41772-0049
16
26-60-3160
A-41772-0016
41772-0477
A-41772-0477
41772-0494
A-41772-0494
26-60-3161
A-41772-0050
17
26-60-3170
A-41772-0017
41772-0478
A-41772-0478
41772-0495
A-41772-0495
26-60-3171
A-41772-0051
18
26-60-3180
A-41772-0018
41772-0479
A-41772-0479
41772-0496
A-41772-0496
26-60-3181
A-41772-0052


Similar Part No. - 0026613120

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026613100 MOLEX3-0026613100 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, without Peg, 10 Circuits, Gold (Au) Plating
0026613110 MOLEX3-0026613110 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK Solid Header, Right Angle, without Peg, 11 Circuits, Gold (Au) Plating
0026613130 MOLEX3-0026613130 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK Solid Header, Right Angle, without Peg, 13 Circuits, Gold (Au) Plating
0026613140 MOLEX3-0026613140 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK Solid Header, Right Angle, without Peg, 14 Circuits, Gold (Au) Plating
0026613150 MOLEX3-0026613150 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK Solid Header, Right Angle, without Peg, 15 Circuits, Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com