Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-42219-15A Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # A-42219-15A
Description  2.5 SPOX IDT RECEPTACLE WHITE 15CKT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A-42219-15A Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  A-42219-15A Datasheet HTML 1Page - Molex Electronics Ltd. A-42219-15A Datasheet HTML 2Page - Molex Electronics Ltd. A-42219-15A Datasheet HTML 3Page - Molex Electronics Ltd. A-42219-15A Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022433150
Status:
Active
Description:
2.5 SPOX IDT RECEPTACLE WHITE 15CKT
Documents:
3D Model
Product Specification PS-42219-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
IDT and Solder Connectors
Series
42219
Comments
Spring Box|Use with 24 AWG solid
Crimp Quality Equipment
Yes
Product Name
SPOX™
Physical
Circuits (Loaded)
15
Color - Resin
Natural
Durability (mating cycles max)
25
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.50
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.50
Stackable
No
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
24, 26
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Material Info
Old Part Number
A-42219-15A
Reference - Drawing Numbers
Product Specification
PS-42219-0001
Sales Drawing
SDA-42219-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42219Series
Mates With
Headers, 5267 , 42249 , 42267 , 5268
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
IDT - Manual Press 0011219757
Hawk™ Discrete
Wire Terminator
Machine 2.5mm
0623000500
Hawk™ Discrete
Wire Terminator
Machine 2.5mm
0623000700
Changehead
for Parallel
Action Handtool
0690080290


Similar Part No. - A-42219-15A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-42219-10A MOLEX3-A-42219-10A Datasheet
313Kb / 4P
   2.5 SPOX IDT RECEPTACLE WHITE 10CKT
A-42219-10E MOLEX3-A-42219-10E Datasheet
305Kb / 4P
   2.5 HEADER ASSY 100
A-42219-11A MOLEX3-A-42219-11A Datasheet
313Kb / 4P
   2.5 SPOX IDT RECEPTACLE WHITE 11CKT
A-42219-12A MOLEX3-A-42219-12A Datasheet
313Kb / 4P
   2.5 SPOX IDT RECEPTACLE WHITE 12CKT
A-42219-13A MOLEX3-A-42219-13A Datasheet
313Kb / 4P
   2.5 SPOX IDT RECEPTACLE WHITE 13CKT
More results

Similar Description - A-42219-15A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022433130 MOLEX3-0022433130 Datasheet
313Kb / 4P
   2.5 SPOX IDT RECEPTACLE WHITE 13CKT
0022433060 MOLEX3-0022433060 Datasheet
313Kb / 4P
   2.5 SPOX IDT RECEPTACLE WHITE 6CKT
0022433100 MOLEX3-0022433100 Datasheet
313Kb / 4P
   2.5 SPOX IDT RECEPTACLE WHITE 10CKT
0022433110 MOLEX3-0022433110 Datasheet
313Kb / 4P
   2.5 SPOX IDT RECEPTACLE WHITE 11CKT
0022433030 MOLEX3-0022433030 Datasheet
313Kb / 4P
   2.5 SPOX IDT RECEPTACLE WHITE 3CKT
0022433140 MOLEX3-0022433140 Datasheet
313Kb / 4P
   2.5 SPOX IDT RECEPTACLE WHITE 14CKT
0022433080 MOLEX3-0022433080 Datasheet
313Kb / 4P
   2.5 SPOX IDT RECEPTACLE WHITE 8CKT
0022433120 MOLEX3-0022433120 Datasheet
313Kb / 4P
   2.5 SPOX IDT RECEPTACLE WHITE 12CKT
0022433050 MOLEX3-0022433050 Datasheet
313Kb / 4P
   2.5 SPOX IDT RECEPTACLE WHITE 5CKT
0022433040 MOLEX3-0022433040 Datasheet
313Kb / 4P
   2.5 SPOX IDT RECEPTACLE WHITE 4CKT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com