Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0026482176 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0026482176
Description  3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, with Friction Lock, 17 Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026482176 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button 0026482176 Datasheet HTML 2Page - Molex Electronics Ltd. 0026482176 Datasheet HTML 3Page - Molex Electronics Ltd. 0026482176 Datasheet HTML 4Page - Molex Electronics Ltd. 0026482176 Datasheet HTML 5Page - Molex Electronics Ltd. 0026482176 Datasheet HTML 6Page - Molex Electronics Ltd. 0026482176 Datasheet HTML 7Page - Molex Electronics Ltd. 0026482176 Datasheet HTML 8Page - Molex Electronics Ltd. 0026482176 Datasheet HTML 9Page - Molex Electronics Ltd. 0026482176 Datasheet HTML 10Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-2938
AB4
DATE:
6/15/2009
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK BREAKAWAY
RIGHT ANGLE
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41672 -001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Header No:
41186-A-AN
Header No:
41186-A-AN
Header No:
41186-A-AN
Header No:
41186-A-AN
Pin No:
2161-96(501)
Pin No:
2161-37(501)
Pin No:
2161-19(102)
Pin No:
2161-19(102)
Pin Length
L
1.531 / 38.89
Pin Length
L
1.100 / 27.90
Pin Length
L
1.032 / 26.21
Pin Length
L
1.032 / 26.21
Mating
M
.500 / 12.70
Mating
M
.523 / 13.28
Mating
M
.458/11.63 REF
Mating
M
.461 / 11.71
Gold:
OVERALL
Gold:
OVERALL
Gold:
NA
Gold:
NA
Bend Height: Y
.213 / 5.41
Bend Height: Y
.213 / 5.41
Bend Height: Y
.221 / 5.61
Bend Height: Y
.213 / 5.41
PC Tail
P
.592 / 15.04
PC Tail
P
.136 / 3.45
PC Tail
P
.125+-.015
PC Tail
P
.130 / 3.30
Tin:
NA
Tin:
NA
Tin:
OVERALL
Tin:
OVERALL
Pack Per
PK-41672-001
Pack Per
PK-41672-001
Pack Per
PK-41672-001
Pack Per
PK-41672-001
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
41672-0109
A-41672-A02D501
026586020
A-41672-A02C501
026482029
A-41672-A02E102
41672-0151
A-41672-A02F102
3
41672-0110
A-41672-A03D501
026586030
A-41672-A03C501
026482039
A-41672-A03E102
41672-0152
A-41672-A03F102
4
41672-0111
A-41672-A04D501
41672-0131
A-41672-A04C501
026482049
A-41672-A04E102
41672-0153
A-41672-A04F102
5
41672-0112
A-41672-A05D501
41672-0132
A-41672-A05C501
026482059
A-41672-A05E102
41672-0154
A-41672-A05F102
6
41672-0113
A-41672-A06D501
41672-0133
A-41672-A06C501
026482069
A-41672-A06E102
41672-0155
A-41672-A06F102
7
41672-0114
A-41672-A07D501
41672-0134
A-41672-A07C501
026482079
A-41672-A07E102
41672-0156
A-41672-A07F102
8
41672-0115
A-41672-A08D501
026586080
A-41672-A08C501
026482089
A-41672-A08E102
41672-0157
A-41672-A08F102
9
41672-0116
A-41672-A09D501
41672-0135
A-41672-A09C501
026482099
A-41672-A09E102
41672-0158
A-41672-A09F102
10
41672-0117
A-41672-A10D501
41672-0136
A-41672-A10C501
026482109
A-41672-A10E102
41672-0159
A-41672-A10F102
11
41672-0118
A-41672-A11D501
41672-0137
A-41672-A11C501
026482119
A-41672-A11E102
41672-0160
A-41672-A11F102
12
41672-0119
A-41672-A12D501
41672-0138
A-41672-A12C501
026482129
A-41672-A12E102
41672-0161
A-41672-A12F102
13
41672-0120
A-41672-A13D501
41672-0139
A-41672-A13C501
026482139
A-41672-A13E102
41672-0162
A-41672-A13F102
14
41672-0121
A-41672-A14D501
41672-0140
A-41672-A14C501
026482149
A-41672-A14E102
41672-0163
A-41672-A14F102
15
41672-0122
A-41672-A15D501
41672-0141
A-41672-A15C501
026482159
A-41672-A15E102
41672-0164
A-41672-A15F102
16
41672-0123
A-41672-A16D501
41672-0142
A-41672-A16C501
026482169
A-41672-A16E102
41672-0165
A-41672-A16F102
17
41672-0124
A-41672-A17D501
41672-0143
A-41672-A17C501
026482179
A-41672-A17E102
41672-0166
A-41672-A17F102
18
41672-0125
A-41672-A18D501
41672-0144
A-41672-A18C501
026482189
A-41672-A18E102
41672-0167
A-41672-A18F102
19
41672-0126
A-41672-A19D501
41672-0145
A-41672-A19C501
026482199
A-41672-A19E102
41672-0168
A-41672-A19F102
20
41672-0127
A-41672-A20D501
41672-0146
A-41672-A20C501
026482209
A-41672-A20E102
41672-0169
A-41672-A20F102
21
41672-0128
A-41672-A21D501
41672-0147
A-41672-A21C501
026482219
A-41672-A21E102
41672-0170
A-41672-A21F102
22
41672-0129
A-41672-A22D501
41672-0148
A-41672-A22C501
026482229
A-41672-A22E102
41672-0171
A-41672-A22F102
23
41672-0130
A-41672-A23D501
41672-0149
A-41672-A23C501
026482239
A-41672-A23E102
41672-0172
A-41672-A23F102
24
026586242
A-41672-A24D501
41672-0150
A-41672-A24C501
026482249
A-41672-A24E102
41672-0173
A-41672-A24F102


Similar Part No. - 0026482176

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026482172 MOLEX3-0026482172 Datasheet
173Kb / 3P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, 17 Circuits, Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com