Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-41-3161 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 22-41-3161
Description  2.54mm (.100") KK IDT Double Cantilever Contact, 16 Circuits, Tin (Sn), Feed-To, 26 Stranded or Solid
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

22-41-3161 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  22-41-3161 Datasheet HTML 1Page - Molex Electronics Ltd. 22-41-3161 Datasheet HTML 2Page - Molex Electronics Ltd. 22-41-3161 Datasheet HTML 3Page - Molex Electronics Ltd. 22-41-3161 Datasheet HTML 4Page - Molex Electronics Ltd. 22-41-3161 Datasheet HTML 5Page - Molex Electronics Ltd. 22-41-3161 Datasheet HTML 6Page - Molex Electronics Ltd. 22-41-3161 Datasheet HTML 7Page - Molex Electronics Ltd. 22-41-3161 Datasheet HTML 8Page - Molex Electronics Ltd. 22-41-3161 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022413161
Status:
Active
Overview:
kk
Description:
2.54mm (.100") KK® IDT Double Cantilever Contact, 16 Circuits, Tin (Sn), Feed-To, 26
Stranded or Solid, and 28 Solid, Stranded, or Fused, Brown ID Strip
Documents:
3D Model
Product Specification PS-7720-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
IDT and Solder Connectors
Series
7720
Comments
Double Cantilever contact
Crimp Quality Equipment
Yes
Overview
kk
Product Name
KK®
Physical
Circuits (Loaded)
16
Color - Resin
Natural
Durability (mating cycles max)
5
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
26 Solid, 26 Stranded, 28 Solid, 28 Stranded, 28
Stranded Topcoat
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Material Info
Old Part Number
A-7720-D16A102A
Reference - Drawing Numbers
Packaging Specification
PK-7720-001
Product Specification
PS-7720-001
Sales Drawing
SD-7720-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
7720Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Insertion Tool for
2.54mm (.100") Pitch
KK® IDT Crimp
Terminals
0638133504
IDT - Manual Press 0011200179
IDT - Semi-automatic
- Bench-Top
Terminator
0011200412
IDT - Semi-automatic
- Bench-Top
Terminator
0011200771


Similar Part No. - 22-41-3161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-41-3102 MOLEX3-22-41-3102 Datasheet
492Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 10 Circuits, Tin (Sn), Feed-To, 24 Stranded, Solid, Fused, Topcoat, and 26 Fused and Topcoat, Green ID Strip
22-41-3111 MOLEX3-22-41-3111 Datasheet
492Kb / 20P
   2.54mm (.100") KK짰
22-41-3122 MOLEX3-22-41-3122 Datasheet
492Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 12 Circuits, Tin (Sn), Feed-To, 24 Stranded, Solid, Fused, Topcoat, and 26 Fused and Topcoat, Green ID Strip
22-41-3141 MOLEX3-22-41-3141 Datasheet
492Kb / 20P
   2.54mm (.100") KK IDT Double Cantilever Contact, 14 Circuits, Tin (Sn), Feed-To, 26 Stranded or Solid
22-41-3142 MOLEX3-22-41-3142 Datasheet
492Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 14 Circuits, Tin (Sn), Feed-To, 24 Stranded, Solid, Fused, Topcoat, and 26 Fused and Topcoat, Green ID Strip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com