Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-4455-CZ17CP909 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # A-4455-CZ17CP909
Description  2.54mm (.100") Pitch KK PC Board Connector, Top Entry, 17 Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A-4455-CZ17CP909 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button A-4455-CZ17CP909 Datasheet HTML 3Page - Molex Electronics Ltd. A-4455-CZ17CP909 Datasheet HTML 4Page - Molex Electronics Ltd. A-4455-CZ17CP909 Datasheet HTML 5Page - Molex Electronics Ltd. A-4455-CZ17CP909 Datasheet HTML 6Page - Molex Electronics Ltd. A-4455-CZ17CP909 Datasheet HTML 7Page - Molex Electronics Ltd. A-4455-CZ17CP909 Datasheet HTML 8Page - Molex Electronics Ltd. A-4455-CZ17CP909 Datasheet HTML 9Page - Molex Electronics Ltd. A-4455-CZ17CP909 Datasheet HTML 10Page - Molex Electronics Ltd. A-4455-CZ17CP909 Datasheet HTML 11Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
KK 100 PCB ASSY 2-25 CKT
4455 SERIES
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-2172
D7
DATE:
4/15/2010
TITLE:
KK 100 PCB ASSY
4455 SERIES DWG
- 5 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-4455
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy Proc:
RIGHT ANGLE
Assy Proc:
RIGHT ANGLE
Assy Proc:
BOTTOM ENTRY
Assy Proc:
BOTTOM ENTRY
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Housing No:
4455-N
Housing No:
4455-N
Housing No:
4455-N2
Housing No:
4455-N2
Terminal No:
6516-4(565)
Terminal No:
6516-4(208)
Terminal No:
6516-3B(565)
Terminal No:
6516-3B(208)
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Plating:
565
Plating:
208
Plating:
565
Plating:
208
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Voids:
NONE
Voids:
NONE
Voids:
NONE
Voids:
NONE
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
22-16-2024
A-4455-AZ02B(565)
A-4455-AZ02B(208)
22-17-2021
A-4455-BH02J(565)
A-4455-BH02J(208)
3
22-16-2034
A-4455-AZ 03 B(565)
A-4455-AZ 03 B(208)
22-17-2031
A-4455-BH 03 J(565)
A-4455-BH 03 J(208)
4
22-16-2044
A-4455-AZ 04 B(565)
A-4455-AZ 04 B(208)
22-17-2041
A-4455-BH 04 J(565)
A-4455-BH 04 J(208)
5
22-16-2054
A-4455-AZ 05 B(565)
A-4455-AZ 05 B(208)
22-17-2051
A-4455-BH 05 J(565)
A-4455-BH 05 J(208)
6
22-16-2064
A-4455-AZ 06 B(565)
A-4455-AZ 06 B(208)
22-17-2061
A-4455-BH 06 J(565)
A-4455-BH 06 J(208)
7
22-16-2074
A-4455-AZ 07 B(565)
A-4455-AZ 07 B(208)
22-17-2071
A-4455-BH 07 J(565)
A-4455-BH 07 J(208)
8
22-16-2084
A-4455-AZ 08 B(565)
A-4455-AZ 08 B(208)
22-17-2081
A-4455-BH 08 J(565)
A-4455-BH 08 J(208)
9
22-16-2094
A-4455-AZ 09 B(565)
A-4455-AZ 09 B(208)
22-17-2091
A-4455-BH 09 J(565)
A-4455-BH 09 J(208)
10
22-16-2104
A-4455-AZ 10 B(565)
A-4455-AZ 10 B(208)
22-17-2101
A-4455-BH 10 J(565)
A-4455-BH 10 J(208)
11
22-16-2114
A-4455-AZ 11 B(565)
A-4455-AZ 11 B(208)
22-17-2111
A-4455-BH 11 J(565)
A-4455-BH 11 J(208)
12
22-16-2124
A-4455-AZ 12 B(565)
A-4455-AZ 12 B(208)
22-17-2121
A-4455-BH 12 J(565)
A-4455-BH 12 J(208)
13
22-16-2134
A-4455-AZ 13 B(565)
A-4455-AZ 13 B(208)
22-17-2131
A-4455-BH 13 J(565)
A-4455-BH 13 J(208)
14
22-16-2144
A-4455-AZ 14 B(565)
A-4455-AZ 14 B(208)
22-17-2141
A-4455-BH 14 J(565)
A-4455-BH 14 J(208)
15
22-16-2154
A-4455-AZ 15 B(565)
A-4455-AZ 15 B(208)
22-17-2151
A-4455-BH 15 J(565)
A-4455-BH 15 J(208)
16
22-16-2164
A-4455-AZ 16 B(565)
A-4455-AZ 16 B(208)
22-17-2161
A-4455-BH 16 J(565)
A-4455-BH 16 J(208)
17
22-16-2174
A-4455-AZ 17 B(565)
A-4455-AZ 17 B(208)
22-17-2171
A-4455-BH 17 J(565)
A-4455-BH 17 J(208)
18
22-16-2184
A-4455-AZ 18 B(565)
A-4455-AZ 18 B(208)
22-17-2181
A-4455-BH 18 J(565)
A-4455-BH 18 J(208)
19
22-16-2194
A-4455-AZ 19 B(565)
A-4455-AZ 19 B(208)
22-17-2191
A-4455-BH 19 J(565)
A-4455-BH 19 J(208)
20
22-16-2204
A-4455-AZ 20 B(565)
A-4455-AZ 20 B(208)
22-17-2201
A-4455-BH 20 J(565)
A-4455-BH 20 J(208)
21
22-16-2214
A-4455-AZ 21 B(565)
A-4455-AZ 21 B(208)
22-17-2211
A-4455-BH 21 J(565)
A-4455-BH 21 J(208)
22
22-16-2224
A-4455-AZ 22 B(565)
A-4455-AZ 22 B(208)
22-17-2221
A-4455-BH 22 J(565)
A-4455-BH 22 J(208)
23
22-16-2234
A-4455-AZ 23 B(565)
A-4455-AZ 23 B(208)
22-17-2231
A-4455-BH 23 J(565)
A-4455-BH 23 J(208)
24
22-16-2244
A-4455-AZ 24 B(565)
A-4455-AZ 24 B(208)
22-17-2241
A-4455-BH 24 J(565)
A-4455-BH 24 J(208)
25
22-16-2254
A-4455-AZ 25 B(565)
A-4455-AZ 25 B(208)
22-17-2251
A-4455-BH 25 J(565)
A-4455-BH 25 J(208)


Similar Part No. - A-4455-CZ17CP909

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-4455-CZ17A MOLEX2-A-4455-CZ17A Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 17 Circuits, With Hooks
A-4455-CZ17A MOLEX2-A-4455-CZ17A Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 0.50關m (20關) Gold (Au), 17 Circuits, With Hooks
A-4455-CZ17A MOLEX2-A-4455-CZ17A Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 0.38關m (15關) Gold (Au), 17 Circuits, With Hooks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com