Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022288102 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 0022288102
Description  2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 10 Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022288102 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button 0022288102 Datasheet HTML 4Page - Molex Electronics Ltd. 0022288102 Datasheet HTML 5Page - Molex Electronics Ltd. 0022288102 Datasheet HTML 6Page - Molex Electronics Ltd. 0022288102 Datasheet HTML 7Page - Molex Electronics Ltd. 0022288102 Datasheet HTML 8Page - Molex Electronics Ltd. 0022288102 Datasheet HTML 9Page - Molex Electronics Ltd. 0022288102 Datasheet HTML 10Page - Molex Electronics Ltd. 0022288102 Datasheet HTML 11Page - Molex Electronics Ltd. 0022288102 Datasheet HTML 12Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-0952
X1
DATE:
10/31/2008
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 6 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42377-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42377-0282 / 0316
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-AZB228
PIN LENGTH: L
.550/13.97
MATING LENGTH: M
.244/6.20
GOLD POINT: G
.140/3.56
PIN HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.120/3.05
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-8024 42377-0282
20
22-28-8204 42377-0300
03
22-28-8034 42377-0283
21
22-28-8214 42377-0301
04
22-28-8044 42377-0284
22
22-28-8224 42377-0302
05
22-28-8054 42377-0285
23
22-28-8234 42377-0303
06
22-28-8064 42377-0286
24
22-28-8244 42377-0304
07
22-28-8074 42377-0287
25
22-28-8254 42377-0305
08
22-28-8084 42377-0288
26
22-28-8264 42377-0306
09
22-28-8094 42377-0289
27
22-28-8274 42377-0307
10
22-28-8104 42377-0290
28
22-28-8284 42377-0308
11
22-28-8114 42377-0291
29
22-28-8294 42377-0309
12
22-28-8124 42377-0292
30
22-28-8304 42377-0310
13
22-28-8134 42377-0293
31
22-28-8314 42377-0311
14
22-28-8144 42377-0294
32
22-28-8324 42377-0312
15
22-28-8154 42377-0295
33
22-28-8334 42377-0313
16
22-28-8164 42377-0296
34
22-28-8344 42377-0314
17
22-28-8174 42377-0297
35
22-28-8354 42377-0315
18
22-28-8184 42377-0298
36
22-28-8364 42377-0316
19
22-28-8194 42377-0299
A-42377-0317 / 0351
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BSB228
PIN LENGTH: L
.630/16.00
MATING LENGTH: M
.324/8.23
GOLD POINT: G
.140/3.56
PIN HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.120/3.05
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-8025
42377-0317
20
22-28-8205 42377-0335
03
22-28-8035
42377-0318
21
22-28-8215 42377-0336
04
22-28-8045
42377-0319
22
22-28-8225 42377-0337
05
22-28-8055
42377-0320
23
22-28-8235 42377-0338
06
22-28-8065
42377-0321
24
22-28-8245 42377-0339
07
22-28-8075
42377-0322
25
22-28-8255 42377-0340
08
22-28-8085
42377-0323
26
22-28-8265 42377-0341
09
22-28-8095
42377-0324
27
22-28-8275 42377-0342
10
22-28-8105
42377-0325
28
22-28-8285 42377-0343
11
22-28-8115
42377-0326
29
22-28-8295 42377-0344
12
22-28-8125
42377-0327
30
22-28-8305 42377-0345
13
22-28-8135
42377-0328
31
22-28-8315 42377-0346
14
22-28-8145
42377-0329
32
22-28-8325 42377-0347
15
22-28-8155
42377-0330
33
22-28-8335 42377-0348
16
22-28-8165
42377-0331
34
22-28-8345 42377-0349
17
22-28-8175
42377-0332
35
22-28-8355 42377-0350
18
22-28-8185
42377-0333
36
22-28-8365 42377-0351
19
22-28-8195
42377-0334


Similar Part No. - 0022288102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022288101 MOLEX3-0022288101 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 10 Circuits
0022288103 MOLEX3-0022288103 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 10 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 8.23mm (.324")
0022288105 MOLEX3-0022288105 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 10 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Mating Pin Length 8.23mm (.324")
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com