Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QX2130 Datasheet(PDF) 4 Page - Rohm

Part # QX2130
Description  QXpander??processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QX2130 Datasheet(HTML) 4 Page - Rohm

  QX2130 Datasheet HTML 1Page - Rohm QX2130 Datasheet HTML 2Page - Rohm QX2130 Datasheet HTML 3Page - Rohm QX2130 Datasheet HTML 4Page - Rohm QX2130 Datasheet HTML 5Page - Rohm QX2130 Datasheet HTML 6Page - Rohm QX2130 Datasheet HTML 7Page - Rohm QX2130 Datasheet HTML 8Page - Rohm QX2130 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Multimedia ICs
QX2130FS / QX2130S
Analog characteristics (VCC = + 5V DC, GND = 0V DC, Ta = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
〈Supply current〉
Supply current (QX mode)
ICC1
1.3
3.0
5.2
mA
Supply current (stereo mode)
ICC2
1.3
3.0
5.2
mA
Supply current (power saving mode)
ICC3
230
500
µA
〈Maximum input level〉
Maximum input level (QX3 mode)
VINMax.1
– 8.3
– 5.3
dBV
VIN = 100Hz VOUT1%
SINGLE channel INPUT
Maximum input level (QX2 mode)
VINMax.2
– 7.6
– 4.6
dBV
VIN = 100Hz VOUT1%
SINGLE channel INPUT
Maximum input level (QX1 mode)
VINMax.3
– 7.4
– 4.4
dBV
VIN = 1kHz VOUT1%
SINGLE channel INPUT
Maximum input level (stereo mode)
VINMax.4
– 2.4
+ 0.6
dBV
VIN = 1kHz VOUT1%
SINGLE channel INPUT
Maximum output level
VOUTMax.
– 3.0
+ 0.5
dBV
VIN = 1kHz VOUT1%
SINGLE channel INPUT
〈Maximum mute level〉
Maximum mute level (QX mode)
VMUTE1
– 86
– 76
dBV
BW: DIN AUDIO
VIN = 1kHz, – 20dBV
Maximum mute level (stereo mode)
VMUTE2
– 97
– 87
dBV
BW: DIN AUDIO
VIN = 1kHz, – 20dBV
Channel balance
CB
– 1.5
0
+ 1.5
dB
VIN = 600Hz, L + RIN
Output current
IOUT
——
+ / –1
mA
Load resistance
RL
10
k
Load capacitance
CL
1000
pF
Input impedance
RIN
50
75
100
k
Output impedance
ROUT
200
〈Distortion〉
Distortion (QX3 mode)
DSTN1
0.15
0.5
%
Distortion (QX2 mode)
DSTN2
0.07
0.3
%
Distortion (QX1 mode)
DSTN3
0.04
0.2
%
Distortion (stereo mode)
DSTN4
0.02
0.2
%
〈Output noise voltage〉
Output noise voltage (QX mode)
VNOISE1
– 87
– 77
dBV
BW: DIN AUDIO
Rg = 600
Output noise voltage (stereo mode)
VNOISE2
– 98
– 88
dBV
BW: DIN AUDIO
Rg = 600
〈Crosstalk〉
Crosstalk (stereo mode)
CT
– 98
– 88
dBV
BW: DIN AUDIO
VIN = 1kHz, – 20dBV
BW1: 400Hz – 30kHz (VIN = 1kHz) , BW2: – 30kHz (VIN = 100Hz)
THD + NOISE
VIN = 1kHz, – 20dBV
THD + NOISE
VIN = 1kHz, – 20dBV
THD + NOISE
VIN = 1kHz, – 20dBV
THD + NOISE
VIN = 1kHz, – 20dBV
No signal Input
No signal Input
No signal Input


Similar Part No. - QX2130

ManufacturerPart #DatasheetDescription
logo
QX Micro Devices Co.,Lt...
QX2304 QXMD-QX2304 Datasheet
240Kb / 2P
   High-efficiency PFM synchronous boost DC-DC converter
QX2305 QXMD-QX2305 Datasheet
523Kb / 2P
   PFM boost DC-DC controller
More results

Similar Description - QX2130

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61509FP RENESAS-M61509FP Datasheet
170Kb / 14P
   QXpander built-in, Tone control, Volume control
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
   Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
New Japan Radio
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
logo
Broadcom Corporation.
BCM5823 BOARDCOM-BCM5823 Datasheet
121Kb / 1P
   SECURITY PROCESSOR
logo
Siemens Semiconductor G...
SDA9290-6 SIEMENS-SDA9290-6 Datasheet
237Kb / 28P
   Picture Processor
logo
Analog Devices
ADSP-21367 AD-ADSP-21367 Datasheet
1Mb / 48P
   SHARC Processor
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com