Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0026481221 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0026481221
Description  3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 22 Circuits, Tin (Sn) Plating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026481221 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0026481221 Datasheet HTML 1Page - Molex Electronics Ltd. 0026481221 Datasheet HTML 2Page - Molex Electronics Ltd. 0026481221 Datasheet HTML 3Page - Molex Electronics Ltd. 0026481221 Datasheet HTML 4Page - Molex Electronics Ltd. 0026481221 Datasheet HTML 5Page - Molex Electronics Ltd. 0026481221 Datasheet HTML 6Page - Molex Electronics Ltd. 0026481221 Datasheet HTML 7Page - Molex Electronics Ltd. 0026481221 Datasheet HTML 8Page - Molex Electronics Ltd. 0026481221 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-1384
BD1
DATE:
2/10/2010
TITLE:
KK 156 HEADER ASSEMBLY
FLAT BREAKAWAY
2-24 CKTS
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41661 -001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
PIN NUMBER
2161-1(102)
PIN NUMBER
CONTINUED
PIN NUMBER
43294-0236
PIN NUMBER
43294-0237
PIN LENGTH
19.0/.750
PIN LENGTH
PIN LENGTH
19.0/.750
PIN LENGTH
19.0/.750
PLATING
102
PLATING
FROM
PLATING
208
PLATING
228
MATING “M”
11.43/.450
MATING “M”
MATING “M”
11.43/.450
MATING “M”
11.43/.450
PCB “P”
4.37/.172
PCB “P”
LAST
PCB “P”
4.37/.172
PCB “P”
4.37/.172
GOLD “G”
N/A
GOLD “G”
GOLD “G”
6.86 / .270
GOLD “G”
6.86/.270
TIN “T”
OVERALL
TIN “T”
COLUMN
TIN
“T”
4.06/.160
TIN
“T”
4.06/.160
PACKAGING
PK-41661-001
PACKAGING
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
STATUS
STATUS
STATUS
STATUS
A-41661-ANA102-*
A-41661-ANA102-*
A-41661-BNA208-*
A-41661-BNA228-*
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
26-48-1021
-A2A102
26-50-3092
-A9A102-7
7
41661-0001
-B02A208
41661-0024
-B02A228
26-48-1031
-A3A102
26-50-3201
-A20A102-3
3
41661-0002
-B03A208
41661-0025
-B03A228
26-48-1041
-A4A102
26-50-3164
-A16A102-52
2, 15
41661-0003
-B04A208
41661-0026
-B04A228
26-48-1051
-A5A102
41661-2004
-A6A102-4
4
41661-0004
-B05A208
41661-0027
-B05A228
26-48-1061
-A6A102
41661-2005
-A4A102-51
2,3
41661-0005
-B06A208
41661-0028
-B06A228
26-48-1071
-A7A102
41661-2006
-A5A102-3
3
41661-0006
-B07A208
41661-0029
-B07A228
26-48-1081
-A8A102
26-50-3039
-A3A102-2
2
41661-0007
-B08A208
41661-0030
-B08A228
26-48-1091
-A9A102
26-50-3049
-A4A102-2
2
41661-0008
-B09A208
41661-0031
-B09A228
26-48-1101
-A10A102
26-50-3059
-A5A102-2
2
41661-0009
-B10A208
41661-0032
-B10A228
26-48-1111
-A11A102
26-50-3069
-A6A102-2
2
41661-0010
-B11A208
41661-0033
-B11A228
26-48-1121
-A12A102
26-50-3074
-A7A102-2
2
41661-0011
-B12A208
41661-0034
-B12A228
26-48-1131
-A13A102
26-50-3089
-A8A102-2
2
41661-0012
-B13A208
41661-0035
-B13A228
26-48-1141
-A14A102
26-50-3099
-A9A102-2
2
41661-0013
-B14A208
41661-0036
-B14A228
26-48-1151
-A15A102
26-50-3104
-A10A102-2
2
41661-0014
-B15A208
41661-0037
-B15A228
26-48-1161
-A16A102
26-50-3119
-A11A102-2
2
41661-0015
-B16A208
41661-0038
-B16A228
26-48-1171
-A17A102
26-50-3129
-A12A102-2
2
41661-0016
-B17A208
41661-0039
-B17A228
26-48-1181
-A18A102
26-50-3139
-A13A102-2
2
41661-0017
-B18A208
41661-0040
-B18A228
26-48-1191
-A19A102
26-50-3149
-A14A102-2
2
41661-0018
-B19A208
41661-0041
-B19A228
26-48-1201
-A20A102
26-50-3159
-A15A102-2
2
41661-0019
-B20A208
41661-0042
-B20A228
26-48-1211
-A21A102
26-50-3169
-A16A102-2
2
41661-0020
-B21A208
41661-0043
-B21A228
26-48-1221
-A22A102
26-50-3179
-A17A102-2
2
41661-0021
-B22A208
41661-0044
-B22A228
26-48-1231
-A23A102
26-50-3189
-A18A102-2
2
41661-0022
-B23A208
41661-0045
-B23A228
26-48-1241
-A24A102
26-50-3199
-A19A102-2
2
41661-0023
-B24A208
41661-0046
-B24A228
26-48-1178
-A17A102-3
3
26-50-3209
-A20A102-2
2
26-48-1138
-A13A102-3
3
50-29-1687
-A07A102-4
4
26-50-3105
-A10A102-4
4
50-29-1612
-A15A102-7
7


Similar Part No. - 0026481221

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026481222 MOLEX3-0026481222 Datasheet
177Kb / 3P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, 22 Circuits, Tin (Sn) Plating
0026481223 MOLEX3-0026481223 Datasheet
169Kb / 6P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, Polarizing Wall, 22 Circuits, Tin (Sn) Plating
0026481225 MOLEX3-0026481225 Datasheet
280Kb / 10P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 22 Circuits, Tin (Sn) Plating
0026481226 MOLEX3-0026481226 Datasheet
382Kb / 12P
   3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, with Friction Lock, 22 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com