Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41791-0829 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 41791-0829
Description  3.96mm (.156") Pitch KK Solid Header, Vertical, Friction Lock, 3 Circuits, Tin (Sn) Plating
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

41791-0829 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button 41791-0829 Datasheet HTML 3Page - Molex Electronics Ltd. 41791-0829 Datasheet HTML 4Page - Molex Electronics Ltd. 41791-0829 Datasheet HTML 5Page - Molex Electronics Ltd. 41791-0829 Datasheet HTML 6Page - Molex Electronics Ltd. 41791-0829 Datasheet HTML 7Page - Molex Electronics Ltd. 41791-0829 Datasheet HTML 8Page - Molex Electronics Ltd. 41791-0829 Datasheet HTML 9Page - Molex Electronics Ltd. 41791-0829 Datasheet HTML 10Page - Molex Electronics Ltd. 41791-0829 Datasheet HTML 11Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
41791
REV:
ECR/ECN INFORMATION
SHEET No.
EC NO.:
UCP2010-1453
P16
DATE:
2/2/2010
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK VERTICAL
SOLID BODY W/O PEGS
- 5 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41791
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41791-0815/0831
Group
A-41791-0832/0848
Group
A-41791-0849/0865
Group
A-41791-0883/0891
Header No:
41790-0002/0018
Header No:
41790-0002/0018
Header No:
41790-0002/0018
Header No:
41790-0010/0018
Pin No:
2161-36(102)
Pin No:
43294-0209
Pin No:
43294-0210
Pin No:
2161-94(102)
Plating:
102 – TIN
Plating:
208 – 15 GOLD
Plating:
228 – 30 GOLD
Plating:
102 – TIN
Pin Length L
30.48 / 1.200
Pin Length L
18.29/. 720
Pin Length L
18.29/. 720
Pin Length L
18.29 / .720
Mating
M
11.43 / .450
Mating
M
11.43/. 450
Mating
M
11.43/. 450
Mating
M
11.43 / .450
Gold Loc G
N/A
Gold Loc G
6.86/. 270
Gold Loc G
6.86/. 270
Gold Loc G
N/A
PC Tail
P
15.75/ .620
PC Tail
P
3.56/. 140
PC Tail
P
3.56/. 140
PC Tail
P
3.56 / .140
Tin Loc
T
OVERALL
Tin Loc
T
4.06/. 160
Tin Loc
T
4.06/. 160
Tin Loc
T
OVERALL
Voided Ckts
NONE
Voided Ckts
NONE
Voided CKts
NONE
Voided Ckts
10
Pack Per
PK-41791-003
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Ckts
Item Number
Material No
Engineer Number
Material No
Engineer Number
Item Number
2
41791-0815
41791-0832
A-41791-0832
41791-0849
A-41791-0849
3
41791-0816
41791-0833
A-41791-0833
41791-0850
A-41791-0850
4
41791-0817
41791-0834
A-41791-0834
41791-0851
A-41791-0851
5
41791-0818
41791-0835
A-41791-0835
41791-0852
A-41791-0852
6
41791-0819
41791-0836
A-41791-0836
41791-0853
A-41791-0853
7
41791-0820
41791-0837
A-41791-0837
41791-0854
A-41791-0854
8
41791-0821
41791-0838
A-41791-0838
41791-0855
A-41791-0855
9
41791-0822
41791-0839
A-41791-0839
41791-0856
A-41791-0856
10
41791-0823
41791-0840
A-41791-0840
41791-0857
A-41791-0857
41791-0883
11
41791-0824
41791-0841
A-41791-0841
41791-0858
A-41791-0858
41791-0884
12
41791-0825
41791-0842
A-41791-0842
41791-0859
A-41791-0859
41791-0885
13
41791-0826
41791-0843
A-41791-0843
41791-0860
A-41791-0860
41791-0886
14
41791-0827
41791-0844
A-41791-0844
41791-0861
A-41791-0861
41791-0887
15
41791-0828
41791-0845
A-41791-0845
41791-0862
A-41791-0862
41791-0888
16
41791-0829
41791-0846
A-41791-0846
41791-0863
A-41791-0863
41791-0889
17
41791-0830
41791-0847
A-41791-0847
41791-0864
A-41791-0864
41791-0890
18
41791-0831
41791-0848
A-41791-0848
41791-0865
A-41791-0865
41791-0891


Similar Part No. - 41791-0829

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41791-0829 MOLEX5-41791-0829 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK Solid Header, Vertical, Friction Lock, 16 Circuits, 0.38um (15關") Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com