Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39-30-7185 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 39-30-7185
Description  4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 18 Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

39-30-7185 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

  39-30-7185 Datasheet HTML 1Page - Molex Electronics Ltd. 39-30-7185 Datasheet HTML 2Page - Molex Electronics Ltd. 39-30-7185 Datasheet HTML 3Page - Molex Electronics Ltd. 39-30-7185 Datasheet HTML 4Page - Molex Electronics Ltd. 39-30-7185 Datasheet HTML 5Page - Molex Electronics Ltd. 39-30-7185 Datasheet HTML 6Page - Molex Electronics Ltd. 39-30-7185 Datasheet HTML 7Page - Molex Electronics Ltd. 39-30-7185 Datasheet HTML 8Page - Molex Electronics Ltd. 39-30-7185 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2010-0398
L3
DATE:
2009/09/02
TITLE:
MINI-FIT JR.
® RIGHT ANGLE
HEADER ASSEMBLIES
WITH MOUNTING PEGS
- 7 -
DOCUMENT NUMBER:
Drawn By:
Checked By:
Approved By:
SDA-5569-NA2*-*
JJAGUILAR
JBELL
FSMITH
Filename: SPOMASTER.DOC
Revision: 1
Location: Workmanager General Docs Class.
Date: 4-15-2002
PART
NUMBER
ENG.
NUMBER
CKT.
SIZE
PLATING
(NOTE 2)
HSG
MAT'L
PART
NUMBER
ENG.
NUMBER
CKT.
SIZE
PLATING
(NOTE 2)
HSG
MAT'L
50-36-1757
5569-02A2S-T
2
50-36-1758
5569-02A2S-210-T
2
50-36-1767
5569-04A2S-T
4
50-36-1768
5569-04A2S-210-T
4
50-36-1777
5569-06A2S-T
6
50-36-1778
5569-06A2S-210-T
6
50-36-1787
5569-08A2S-T
8
50-36-1788
5569-08A2S-210-T
8
50-36-1797
5569-10A2S-T
10
50-36-1798
5569-10A2S-210-T
10
50-36-1807
5569-12A2S-T
12
50-36-1808
5569-12A2S-210-T
12
50-36-1817
5569-14A2S-T
14
50-36-1818
5569-14A2S-210-T
14
50-36-1827
5569-16A2S-T
16
50-36-1828
5569-16A2S-210-T.
16
50-36-1837
5569-18A2S-T
18
50-36-1838
5569-18A2S-210-T
18
50-36-1847
5569-20A2S-T
20
50-36-1848
5569-20A2S-210-T
20
50-36-1857
5569-22A2S-T
22
50-36-1858
5569-22A2S-210-T
22
50-36-1867
5569-24A2S-T
24
50-36-1868
5569-24A2S-210-T
24
50-36-1755
5569-02A2GS-T
2
50-36-1756 5569-02A2GS-210-T
2
50-36-1765
5569-04A2GS-T
4
50-36-1766 5569-04A2GS-210-T
4
50-36-1775
5569-06A2GS-T
6
50-36-1776 5569-06A2GS-210-T
6
50-36-1785
5569-08A2GS-T
8
50-36-1786 5569-08A2GS-210-T
8
50-36-1795
5569-10A2GS-T
10
50-36-1796 5569-10A2GS-210-T
10
50-36-1805
5569-12A2GS-T
12
50-36-1806 5569-12A2GS-210-T
12
50-36-1815
5569-14A2GS-T
14
50-36-1816 5569-14A2GS-210-T
14
50-36-1825
5569-16A2GS-T
16
50-36-1826 5569-16A2GS-210-T
16
50-36-1835
5569-18A2GS-T
18
50-36-1836 5569-18A2GS-210-T
18
50-36-1845
5569-20A2GS-T
20
50-36-1846 5569-20A2GS-210-T
20
50-36-1855
5569-22A2GS-T
22
50-36-1856 5569-22A2GS-210-T
22
50-36-1865
5569-24A2GS-T
24
50-36-1866 5569-24A2GS-210-T
24
2
26-01-3101
5569-02A2GS-BL-T
2
4
NOT TOOLED 5569-04A2GS-BL-T
4
6
NOT TOOLED 5569-06A2GS-BL-T
6
8
NOT TOOLED 5569-08A2GS-BL-T
8
26-01-3094 5569-10AGS3-210-T
10
NOT TOOLED 5569-10A2GS-BL-T
10
12
NOT TOOLED 5569-12A2GS-BL-T
12
14
NOT TOOLED 5569-14A2GS-BL-T
14
16
26-01-3108
5569-16A2GS-BL-T
16
18
NOT TOOLED 5569-18A2GS-BL-T
18
20
NOT TOOLED 5569-20A2GS-BL-T
20
22
NOT TOOLED 5569-22A2GS-BL-T
22
24
NOT TOOLED 5569-24A2GS-BL-T
24
26-01-3114
5569-02A2GS2-T
2
2
26-01-3115
5569-04A2GS2-T
4
4
26-01-3116
5569-06A2GS2-T
6
6
NOT TOOLED 5569-08A2GS2-T
8
8
NOT TOOLED 5569-10A2GS2-T
10
10
26-01-3119
5569-12A2GS2-T
12
12
NOT TOOLED 5569-14A2GS2-T
14
14
NOT TOOLED 5569-16A2GS2-T
16
16
NOT TOOLED 5569-18A2GS2-T
18
18
NOT TOOLED 5569-20A2GS2-T
20
20
NOT TOOLED 5569-22A2GS2-T
22
22
26-01-3126
5569-24A2GS2-T
24
24
TRAY PACKAGED PER PK-5569-003
15 µ"
SELECT
GOLD
SEE
NOTE 2
OPTION
"GS2"
94V-2
50 µ"
SELECT
GOLD
SEE
NOTE 2
OPTION
"GS3"
94V-0
30 µ"
SELECT
GOLD
SEE
NOTE 2
OPTION
"GS"
BLACK
94V-2
TIN
OVER
NICKEL
SEE
NOTE 2
OPTION
"S"
94V-2
TIN
OVER
NICKEL
SEE
NOTE 2
OPTION
"S"
94V-0
30 µ"
SELECT
GOLD
SEE
NOTE 2
OPTION
"GS"
94V-2
30 µ"
SELECT
GOLD
SEE
NOTE 2
OPTION
"GS"
94V-0


Similar Part No. - 39-30-7185

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-30-7105 MOLEX3-39-30-7105 Datasheet
280Kb / 9P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
39-30-7106 MOLEX3-39-30-7106 Datasheet
280Kb / 9P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
39-30-7125 MOLEX3-39-30-7125 Datasheet
280Kb / 9P
   4.20mm (.165") Pitch Mini-Fit Jr.?
39-30-7126 MOLEX3-39-30-7126 Datasheet
280Kb / 9P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 12 Circuits
39-30-7145 MOLEX3-39-30-7145 Datasheet
280Kb / 9P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 14 Circuits, PA Polyamide Nylon 6/6, 94V-2, Tin (Sn) Over Nickel (Ni) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com