Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0026604150 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

Part # 0026604150
Description  3.96mm (.156") Pitch KK Solid Header, Vertical, Friction Lock, 15 Circuits, Tin (Sn) Plating
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026604150 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Back Button 0026604150 Datasheet HTML 3Page - Molex Electronics Ltd. 0026604150 Datasheet HTML 4Page - Molex Electronics Ltd. 0026604150 Datasheet HTML 5Page - Molex Electronics Ltd. 0026604150 Datasheet HTML 6Page - Molex Electronics Ltd. 0026604150 Datasheet HTML 7Page - Molex Electronics Ltd. 0026604150 Datasheet HTML 8Page - Molex Electronics Ltd. 0026604150 Datasheet HTML 9Page - Molex Electronics Ltd. 0026604150 Datasheet HTML 10Page - Molex Electronics Ltd. 0026604150 Datasheet HTML 11Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
41791
REV:
ECR/ECN INFORMATION
SHEET No.
EC NO.:
UCP2010-1453
P16
DATE:
2/2/2010
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK VERTICAL
SOLID BODY W/O PEGS
- 8 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41791
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41791-1063/1071
Group
A-41791-1074/1088
Group
A-41791-1089/1105
Group
A-41791-1107
Header No:
41790-0010/0018
Header No:
41790-0004/0018
Header No:
41790-0002/0018
Header No:
41790-0006/0018
Pin No:
2161-94(102)
Pin No:
2161-94(501)
Pin No:
43294-0212
Pin No:
2161-94(154)
Plating:
102 – TIN
Plating:
501 – GOLD
Plating:
222 – TIN
Plating:
154 – TIN
Pin Length L
18.29 / .720
Pin Length L
18.29 / .720
Pin Length L
18.29 / .720
Pin Length L
18.29 / .720
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Gold Loc G
N/A
Gold Loc G
OVERALL
Gold Loc G
N/A
Gold Loc G
N/A
PC Tail
P
3.56 / .140
PC Tail
P
3.56 / .140
PC Tail
P
3.56 / .140
PC Tail
P
3.56 / .140
Tin Loc
T
OVERALL
Tin Loc
T
N/A
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Voided Ckts
5, 10
Voided Ckts
2, 3, 4
Voided Ckts
NONE
Voided Ckts
6
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Ckts
Item Number
Item Number
Item Number
Item Number
2
41791-1089
3
41791-1090
4
41791-1091
5
41791-1075
6
41791-1093
7
41791-1107
8
41791-1095
9
41791-1096
10
41791-1097
11
41791-1064
41791-1098
12
41791-1099
13
14
15
16
41791-1103
17
18
41791-1105


Similar Part No. - 0026604150

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026604100 MOLEX3-0026604100 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK Solid Header, Vertical, Friction Lock, 10 Circuits, Tin (Sn) Plating
0026604110 MOLEX3-0026604110 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 11 Circuits, Tin (Sn) Plating
0026604120 MOLEX3-0026604120 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 12 Circuits, Tin (Sn) Plating
0026604130 MOLEX3-0026604130 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 13 Circuits, Tin (Sn) Plating
0026604140 MOLEX3-0026604140 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 14 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com