Electronic Components Datasheet Search |
|
38-00-1423 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
38-00-1423 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 17 page This document was generated on 05/21/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0038001423 Status: Active Overview: kk Description: 2.54mm (.100") Pitch KK® PC Board Connector, Top Entry, 3 Circuits Documents: 3D Model Product Specification PS-10-07 (PDF) Drawing (PDF) Product Specification PS-99020-0088 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Receptacles Series 4455 Application Board-to-Board Overview kk Product Name KK® Physical Circuits (Loaded) 3 Color - Resin Natural (White) Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part No Material - Metal Phosphor Bronze Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Nylon Number of Rows 1 Orientation Vertical PC Tail Length (in) 0.130 In PC Tail Length (mm) 3.30 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.100 In Pitch - Mating Interface (mm) 2.54 mm Plating min: Mating (µin) 40 Plating min: Mating (µm) 1.00 Plating min: Termination (µin) 40 Plating min: Termination (µm) 1.00 Polarized to PCB No Temperature Range - Operating 0°C to +75°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 2.5A Grounding to PCB No Voltage - Maximum 250V Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 4455Series Mates With 42153 KK® Wire-to-Board Header, 4094 KK® Wire-to-Board Header, 42376 KK® Header, 42375 KK® Header, 42377 KK® Header, 70021 SL™ Crimp Terminal, 70475 SL™ Insulation Displacement Connector, 42152 KK® Wire-to-Board Heade |
Similar Part No. - 38-00-1423 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |