Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022456206 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 0022456206
Description  2.54mm (.100") KK IDT Double Cantilever Contact, 20 Circuits, Gold (Au), Feed-Through, 22 AWG Wire
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022456206 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 0022456206 Datasheet HTML 5Page - Molex Electronics Ltd. 0022456206 Datasheet HTML 6Page - Molex Electronics Ltd. 0022456206 Datasheet HTML 7Page - Molex Electronics Ltd. 0022456206 Datasheet HTML 8Page - Molex Electronics Ltd. 0022456206 Datasheet HTML 9Page - Molex Electronics Ltd. 0022456206 Datasheet HTML 10Page - Molex Electronics Ltd. 0022456206 Datasheet HTML 11Page - Molex Electronics Ltd. 0022456206 Datasheet HTML 12Page - Molex Electronics Ltd. 0022456206 Datasheet HTML 13Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REVISION:
SHEET No.
BA
ECR/ECN INFORMATION:
EC No.: UCP2009-2291
DATE:
4/17/2009
TITLE:
KK 100 IDT CONNECTOR ASSEMBLY
7
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-7720-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-7720-ANA501A
A-7720-BNA501A
A-7720-CNA501A
A-7720-DNA501A
A-7720-ENA501A
A-7720-FNA501A
HOUSING
7720-AN
HOUSING
7720-BN
HOUSING
7720-CN
HOUSING
7720-DN
HOUSING
7720-EN
HOUSING
7720-FN
TERM. NO
7691-A501
TERM. NO
7691-A501
TERM. NO
7691-A501
TERM. NO 7691-A501
TERM. NO
7691-A501
TERM. NO
7691-A501
PLATING:
501
PLATING:
501
PLATING:
501
PLATING:
501
PLATING:
501
PLATING:
501
COLOR
BROWN
COLOR
BROWN
COLOR
BROWN
COLOR
BROWN
COLOR
BROWN
COLOR
BROWN
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
A-7720-A02A501A
22-45-8021
A-7720-B02A501A
22-45-7021
A-7720-C02A501A
A-7720-D02A501A
22-45-7024
A-7720-E02A501A
A-7720-F02A501A
A-7720-A03A501A
22-45-8031
A-7720-B03A501A
22-45-7031
A-7720-C03A501A
A-7720-D03A501A
22-45-7034
A-7720-E03A501A
A-7720-F03A501A
A-7720-A04A501A
22-45-8041
A-7720-B04A501A
A-7720-C04A501A
A-7720-D04A501A
22-45-7044
A-7720-E04A501A
A-7720-F04A501A
22-45-7053
A-7720-A05A501A
22-45-8051
A-7720-B05A501A
A-7720-C05A501A
A-7720-D05A501A
22-45-7054
A-7720-E05A501A
A-7720-F05A501A
A-7720-A06A501A
22-45-8061
A-7720-B06A501A
22-45-7061
A-7720-C06A501A
A-7720-D06A501A
22-45-7064
A-7720-E06A501A
A-7720-F06A501A
22-45-7073
A-7720-A07A501A
22-45-8071
A-7720-B07A501A
A-7720-C07A501A
A-7720-D07A501A
22-45-7074
A-7720-E07A501A
A-7720-F07A501A
22-45-7083
A-7720-A08A501A
22-45-8081
A-7720-B08A501A
22-45-7081
A-7720-C08A501A
22-45-7089
A-7720-D08A501A
22-45-7084
A-7720-E08A501A
22-45-7087
A-7720-F08A501A
A-7720-A09A501A
22-45-8091
A-7720-B09A501A
A-7720-C09A501A
A-7720-D09A501A
22-45-7094
A-7720-E09A501A
A-7720-F09A501A
A-7720-A10A501A
22-45-8101
A-7720-B10A501A
A-7720-C10A501A
A-7720-D10A501A
22-45-7104
A-7720-E10A501A
A-7720-F10A501A
A-7720-A11A501A
22-45-8111
A-7720-B11A501A
A-7720-C11A501A
A-7720-D11A501A
22-45-7114
A-7720-E11A501A
A-7720-F11A501A
A-7720-A12A501A
22-45-8121
A-7720-B12A501A
A-7720-C12A501A
A-7720-D12A501A
22-45-7124
A-7720-E12A501A
A-7720-F12A501A
A-7720-A13A501A
22-45-8131
A-7720-B13A501A
22-45-7131
A-7720-C13A501A
A-7720-D13A501A
22-45-7134
A-7720-E13A501A
A-7720-F13A501A
22-45-7143
A-7720-A14A501A
22-45-8141
A-7720-B14A501A
A-7720-C14A501A
A-7720-D14A501A
22-45-7144
A-7720-E14A501A
A-7720-F14A501A
A-7720-A15A501A
22-45-8151
A-7720-B15A501A
A-7720-C15A501A
A-7720-D15A501A
22-45-7154
A-7720-E15A501A
A-7720-F15A501A
A-7720-A16A501A
22-45-8161
A-7720-B16A501A
A-7720-C16A501A
A-7720-D16A501A
22-45-7164
A-7720-E16A501A
A-7720-F16A501A
A-7720-A17A501A
22-45-8171
A-7720-B17A501A
A-7720-C17A501A
A-7720-D17A501A
22-45-7174
A-7720-E17A501A
A-7720-F17A501A
A-7720-A18A501A
22-45-8181
A-7720-B18A501A
A-7720-C18A501A
A-7720-D18A501A
22-45-7184
A-7720-E18A501A
A-7720-F18A501A
A-7720-A19A501A
22-45-8191
A-7720-B19A501A
A-7720-C19A501A
A-7720-D19A501A
22-45-7194
A-7720-E19A501A
A-7720-F19A501A
A-7720-A20A501A
22-45-8201
A-7720-B20A501A
A-7720-C20A501A
A-7720-D20A501A
22-45-7204
A-7720-E20A501A
A-7720-F20A501A
A-7720-A21A501A
22-45-8211
A-7720-B21A501A
A-7720-C21A501A
A-7720-D21A501A
22-45-7214
A-7720-E21A501A
A-7720-F21A501A
A-7720-A22A501A
22-45-8221
A-7720-B22A501A
A-7720-C22A501A
A-7720-D22A501A
22-45-7224
A-7720-E22A501A
A-7720-F22A501A
A-7720-A23A501A
22-45-8231
A-7720-B23A501A
A-7720-C23A501A
A-7720-D23A501A
22-45-7234
A-7720-E23A501A
A-7720-F23A501A
A-7720-A24A501A
22-45-8241
A-7720-B24A501A
22-45-7241
A-7720-C24A501A
A-7720-D24A501A
22-45-7244
A-7720-E24A501A
A-7720-F24A501A
A-7720-A25A501A
22-45-8251
A-7720-B25A501A
A-7720-C25A501A
A-7720-D25A501A
22-45-7254
A-7720-E25A501A
A-7720-F25A501A
A-7720-A26A501A
22-45-8261
A-7720-B26A501A
A-7720-C26A501A
A-7720-D26A501A
22-45-7264
A-7720-E26A501A
A-7720-F26A501A
A-7720-A27A501A
22-45-8271
A-7720-B27A501A
A-7720-C27A501A
A-7720-D27A501A
22-45-7274
A-7720-E27A501A
A-7720-F27A501A
A-7720-A28A501A
22-45-8281
A-7720-B28A501A
A-7720-C28A501A
A-7720-D28A501A
22-45-7284
A-7720-E28A501A
A-7720-F28A501A


Similar Part No. - 0022456206

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022456201 MOLEX3-0022456201 Datasheet
484Kb / 20P
   2.54mm (.100") KK IDT Double Cantilever Contact, 20 Circuits, Gold (Au), Feed-Through, 22 AWG Wire
0022456207 MOLEX3-0022456207 Datasheet
484Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 20 Circuits, Gold (Au), Feed-To, 22 AWG Wire
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com