Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0026613140 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 0026613140
Description  3.96mm (.156") Pitch KK Solid Header, Right Angle, without Peg, 14 Circuits, Gold (Au) Plating
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026613140 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 0026613140 Datasheet HTML 2Page - Molex Electronics Ltd. 0026613140 Datasheet HTML 3Page - Molex Electronics Ltd. 0026613140 Datasheet HTML 4Page - Molex Electronics Ltd. 0026613140 Datasheet HTML 5Page - Molex Electronics Ltd. 0026613140 Datasheet HTML 6Page - Molex Electronics Ltd. 0026613140 Datasheet HTML 7Page - Molex Electronics Ltd. 0026613140 Datasheet HTML 8Page - Molex Electronics Ltd. 0026613140 Datasheet HTML 9Page - Molex Electronics Ltd. 0026613140 Datasheet HTML 10Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
41772
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-0165
L6
DATE:
8/24/2009
TITLE:
KK 156 HEADER ASSEMBLY
FLAT RIGHT ANGLE
SOLID BODY W/O PEGS
- 7 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41772
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41772-0446/0462
Group
A-41772-0548/0560
Group
A-41772-0561/0573
Group
A-41772-0605/0621
Header No:
41770-0002/0018
Header No:
41770-0006/0018
Header No:
41770-0006/0018
Header No:
41770-0002/0018
Pin No:
2161-21(501)
Pin No:
2161-16(102)
Pin No:
2161-52(102)
Pin No:
2161-64(503)
Plating:
501-GOLD
Plating:
102-TIN
Plating:
102-TIN
Plating:
503-GOLD
Pin Length L
28.57/1.125
Pin Length L
25.40/ 1.000
Pin Length L
27.00/ 1.063
Pin Length L
29.85 / 1.175
Mating
M
17.60/.693
Mating
M
14.86/ .585
Mating
M
16.51/ .650
Mating
M
15.19 / .598
Gold Loc G
OVERALL
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
OVERALL
Height
Y
4.95/ .195
Height
Y
4.95/ .195
Height
Y
4.95/ .195
Height
Y
9.25 / .364
PC Tail
P
3.99/ .157
PC Tail
P
3.56/ .140
PC Tail
P
3.51/ .138
PC Tail
P
3.38 / .133
Tin Loc
T
N/A
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
NA
Voided Ckts
NONE
Voided Ckts
CKTS 2, 4, 6
Voided Ckts.
CKTS 2, 4, 6
Voided Ckts.
NONE
Pack Per
PK-41772-002
Pack Per
PK-41772-002
Pack Per
PK-41772-002
Pack Per
PK-41772-002
Ckts
Material No
Engineer Number
Item No
Item No
Material No
Engineer Number
2
27-60-3022
A-41772-0446
41772-0605
3
27-60-3032
A-41772-0447
417720606
41772-0606
4
27-60-3042
A-41772-0448
41772-0607
5
27-60-3052
A-41772-0449
41772-0608
6
27-60-3062
A-41772-0450
41772-0548
41772-0561
41772-0609
7
27-60-3072
A-41772-0451
41772-0549
41772-0562
41772-0610
8
27-60-3082
A-41772-0452
41772-0550
41772-0563
41772-0611
9
27-60-3092
A-41772-0453
41772-0551
41772-0564
41772-0612
10
27-60-3102
A-41772-0454
41772-0552
41772-0565
41772-0613
11
27-60-3112
A-41772-0455
41772-0553
41772-0566
41772-0614
12
27-60-3122
A-41772-0456
41772-0554
41772-0567
41772-0615
13
27-60-3132
A-41772-0457
41772-0555
41772-0568
41772-0616
14
27-60-3142
A-41772-0458
41772-0556
41772-0569
41772-0617
15
27-60-3152
A-41772-0459
41772-0557
41772-0570
41772-0618
16
27-60-3162
A-41772-0460
41772-0558
41772-0571
41772-0619
17
27-60-3172
A-41772-0461
41772-0559
41772-0572
41772-0620
18
27-60-3182
A-41772-0462
41772-0560
41772-0573
41772-0621


Similar Part No. - 0026613140

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026613100 MOLEX3-0026613100 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, without Peg, 10 Circuits, Gold (Au) Plating
0026613110 MOLEX3-0026613110 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK Solid Header, Right Angle, without Peg, 11 Circuits, Gold (Au) Plating
0026613120 MOLEX3-0026613120 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK Solid Header, Right Angle, without Peg, 12 Circuits, Gold (Au) Plating
0026613130 MOLEX3-0026613130 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK Solid Header, Right Angle, without Peg, 13 Circuits, Gold (Au) Plating
0026613150 MOLEX3-0026613150 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK Solid Header, Right Angle, without Peg, 15 Circuits, Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com