Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-7720-WC28F501B Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # A-7720-WC28F501B
Description  2.54mm (.100") KK IDT Double Cantilever Contact, 28 Circuits, Gold (Au), Feed-Through, 22 AWG Wire
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A-7720-WC28F501B Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  A-7720-WC28F501B Datasheet HTML 1Page - Molex Electronics Ltd. A-7720-WC28F501B Datasheet HTML 2Page - Molex Electronics Ltd. A-7720-WC28F501B Datasheet HTML 3Page - Molex Electronics Ltd. A-7720-WC28F501B Datasheet HTML 4Page - Molex Electronics Ltd. A-7720-WC28F501B Datasheet HTML 5Page - Molex Electronics Ltd. A-7720-WC28F501B Datasheet HTML 6Page - Molex Electronics Ltd. A-7720-WC28F501B Datasheet HTML 7Page - Molex Electronics Ltd. A-7720-WC28F501B Datasheet HTML 8Page - Molex Electronics Ltd. A-7720-WC28F501B Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image


Similar Part No. - A-7720-WC28F501B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-7720-WC20F501B MOLEX3-A-7720-WC20F501B Datasheet
484Kb / 20P
   2.54mm (.100") KK IDT Double Cantilever Contact, 20 Circuits, Gold (Au), Feed-Through, 22 AWG Wire
A-7720-WC21F501B MOLEX3-A-7720-WC21F501B Datasheet
484Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 21 Circuits, Gold (Au), Feed-Through, 22 AWG Wire, Friction Ramp and Polarizing Rib
A-7720-WC22F501B MOLEX3-A-7720-WC22F501B Datasheet
484Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 22 Circuits, Gold (Au), Feed-Through, 22 AWG Wire, Friction Ramp and Polarizing Rib
A-7720-WC22FP909B MOLEX3-A-7720-WC22FP909B Datasheet
492Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 22 Circuits, Tin (Sn), Feed-Through, 22 AWG Wire, Friction Ramp and Polarizing Rib
A-7720-WC23F501B MOLEX3-A-7720-WC23F501B Datasheet
484Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 23 Circuits, Gold (Au), Feed-Through, 22 AWG Wire, Friction Ramp and Polarizing Rib
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com