Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022289101 Datasheet(PDF) 11 Page - Molex Electronics Ltd.

Part # 0022289101
Description  2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 10 Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022289101 Datasheet(HTML) 11 Page - Molex Electronics Ltd.

Back Button 0022289101 Datasheet HTML 7Page - Molex Electronics Ltd. 0022289101 Datasheet HTML 8Page - Molex Electronics Ltd. 0022289101 Datasheet HTML 9Page - Molex Electronics Ltd. 0022289101 Datasheet HTML 10Page - Molex Electronics Ltd. 0022289101 Datasheet HTML 11Page - Molex Electronics Ltd. 0022289101 Datasheet HTML 12Page - Molex Electronics Ltd. 0022289101 Datasheet HTML 13Page - Molex Electronics Ltd. 0022289101 Datasheet HTML 14Page - Molex Electronics Ltd. 0022289101 Datasheet HTML 15Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-0952
X1
DATE:
10/31/2008
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 9 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42377-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42377-0779 / 0813
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ANA154
PIN LENGTH: L
.510/12.95
MATING LENGTH: M
.134/3.40
GOLD POINT: G
N/A
PIN HEIGHT: Y
.060/1.52
PC TAIL LENGTH: P
.200/5.08
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL NUMBER
CKTS
MATERIAL NUMBER
02
42377-0779
20
42377-0797
03
42377-0780
21
42377-0798
04
42377-0781
22
42377-0799
05
42377-0782
23
42377-0800
06
42377-0783
24
42377-0801
07
42377-0784
25
42377-0802
08
42377-0785
26
42377-0803
09
42377-0786
27
42377-0804
10
42377-0787
28
42377-0805
11
42377-0788
29
42377-0806
12
42377-0789
30
42377-0807
13
42377-0790
31
42377-0808
14
42377-0791
32
42377-0809
15
42377-0792
33
42377-0810
16
42377-0793
34
42377-0811
17
42377-0794
35
42377-0812
18
42377-0795
36
42377-0813
19
42377-0796
A-42377-0693 / 0726
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BCA154
PIN LENGTH: L
.565/14.35
MATING LENGTH: M
.244/6.20
GOLD POINT: G
N/A
PIN HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.135/3.43
TIN: T
OVERALL
CKTS:
3-36
KINKS:
PER SMES-42003
REMOVED BACKWALLS:
NO
VOIDED CKTS:
2
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
CKTS
MATERIAL
NUMBER
02
20
42377-0710
03
42377-0693
21
42377-0711
04
42377-0694
22
42377-0712
05
42377-0695
23
42377-0713
06
42377-0696
24
42377-0714
07
42377-0697
25
42377-0715
08
42377-0698
26
42377-0716
09
42377-0699
27
42377-0717
10
42377-0700
28
42377-0718
11
42377-0701
29
42377-0719
12
42377-0702
30
42377-0720
13
42377-0703
31
42377-0721
14
42377-0704
32
42377-0727
15
42377-0705
33
42377-0723
16
42377-0706
34
42377-0724
17
42377-0707
35
42377-0725
18
42377-0708
36
42377-0726
19
42377-0709


Similar Part No. - 0022289101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022289100 MOLEX3-0022289100 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 10 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244"), with Kinked PC Tails
0022289102 MOLEX3-0022289102 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK짰
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com