Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70204-0261 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 70204-0261
Description  2.54mm (.100") Pitch C-Grid Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 12 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

70204-0261 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  70204-0261 Datasheet HTML 1Page - Molex Electronics Ltd. 70204-0261 Datasheet HTML 2Page - Molex Electronics Ltd. 70204-0261 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
245
Material Info
Old Part Number
70204-0261
Reference - Drawing Numbers
Product Specification
PS-70204
Sales Drawing
SDA-70204-0257-0320
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 70204-0261

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70204-0260 MOLEX3-70204-0260 Datasheet
247Kb / 3P
   2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 10 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
70204-0262 MOLEX3-70204-0262 Datasheet
247Kb / 3P
   2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 14 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
70204-0263 MOLEX3-70204-0263 Datasheet
247Kb / 3P
   2.54mm (.100") Pitch C-Grid짰
70204-0265 MOLEX3-70204-0265 Datasheet
247Kb / 3P
   2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 20 Circuits, 0.38關m (15u") Gold (Au) Selective Plating
70204-0266 MOLEX3-70204-0266 Datasheet
247Kb / 3P
   2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 22 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com