Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1991-4R1-1 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1991-4R1-1
Description  2.36mm (.093") Diameter, .093" Pin and Socket Receptacle Housing with Positive Latch, 6 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

1991-4R1-1 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1991-4R1-1 Datasheet HTML 1Page - Molex Electronics Ltd. 1991-4R1-1 Datasheet HTML 2Page - Molex Electronics Ltd. 1991-4R1-1 Datasheet HTML 3Page - Molex Electronics Ltd. 1991-4R1-1 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0050361691
Status:
Active
Overview:
standard_093
Description:
2.36mm (.093") Diameter, .093" Pin and Socket Receptacle Housing with Positive
Latch, 6 Circuits, Without Mounting Ears, Glow Wire Compatible
Documents:
3D Model
Product Specification PS-02-09 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Housings
Series
1991
Comments
Polarized to Mating Part, Nylon PA 6, UL94 V-0
Overview
standard_093
Product Name
Standard .093"
Physical
Breakaway
No
Circuits (maximum)
4
Circuits Detail
1x4
Color - Resin
Black
Gender
Receptacle
Glow-Wire Compliant
Yes
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.248 In
Pitch - Mating Interface (mm)
6.30 mm
Pitch - Term. Interface (in)
0.248 In
Pitch - Term. Interface (mm)
6.30 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Old Part Number
1991-4R1-1
Reference - Drawing Numbers
Product Specification
PS-02-09
Sales Drawing
SD-1991-4**1
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1991Series
Mates With
50-36-1743 Pin and Socket Plug
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1380 Male Crimp Terminals,
1381 Female Crimp Terminals, 1433 Crimp
Terminals, 1434 Male Crimp Terminals,
1973 , 2151 , 2273 , 2870 , 2871 , 4272 ,
4550 , 6271 , Lin
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1991-4R1-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1991-4R1 MOLEX2-1991-4R1 Datasheet
152Kb / 4P
   2.36mm (.093) Diameter, .093 Pin and Socket Receptacle Housing with Positive Latch, 4 Circuits, Without Mounting Ears
1991-4R1 MOLEX11-1991-4R1 Datasheet
44Kb / 2P
   2.36mm Diameter, .093 Pin and Socket Receptacle Housing with Positive Latch, 4 Circuits, without Mounting Ears
1991-4R1 MOLEX11-1991-4R1 Datasheet
39Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing with Positive Latch, 94V-2, 3 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com