Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50-29-1559 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 50-29-1559
Description  2.54mm (.100") Pitch KK Crimp Terminal Housing, Friction Ramp, 4 Circuits,
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

50-29-1559 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  50-29-1559 Datasheet HTML 1Page - Molex Electronics Ltd. 50-29-1559 Datasheet HTML 2Page - Molex Electronics Ltd. 50-29-1559 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0050291559
Status:
Active
Overview:
kk
Description:
2.54mm (.100") Pitch KK® Crimp Terminal Housing, Friction Ramp, 4 Circuits,
Documents:
3D Model
Product Specification PS-10-07 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
2695
Overview
kk
Product Name
KK®
Physical
Circuits (maximum)
4
Color - Resin
Natural (White)
Flammability
94V-0
Gender
Plug
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
0°C to +75°C
Material Info
Old Part Number
2695-04RP-BK
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-2695
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
2695Series
Mates With
2.54mm (.100") Pitch KK® PCB Headers
42375 , 42377 , 42376 , 4030 , 6373 , 6410
Use With
KK® Crimp Terminal 2759 , 6459 , 41572
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 50-29-1559

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50-29-1559 MOLEX11-50-29-1559 Datasheet
36Kb / 1P
   KK짰 254 Crimp Housing, Friction Ramp, 4 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com