Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5566-12A Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 5566-12A
Description  4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 12 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

5566-12A Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  5566-12A Datasheet HTML 1Page - Molex Electronics Ltd. 5566-12A Datasheet HTML 2Page - Molex Electronics Ltd. 5566-12A Datasheet HTML 3Page - Molex Electronics Ltd. 5566-12A Datasheet HTML 4Page - Molex Electronics Ltd. 5566-12A Datasheet HTML 5Page - Molex Electronics Ltd. 5566-12A Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - 5566-12A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5566-12A MOLEX11-5566-12A Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 12 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
5566-12A-210 MOLEX3-5566-12A-210 Datasheet
511Kb / 6P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock
5566-12A-210 MOLEX11-5566-12A-210 Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 12Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, without Drain Holes
5566-12A2 MOLEX3-5566-12A2 Datasheet
407Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock
5566-12A2 MOLEX11-5566-12A2 Datasheet
50Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 12 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com