Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022456287 Datasheet(PDF) 11 Page - Molex Electronics Ltd.

Part # 0022456287
Description  2.54mm (.100") KK짰 IDT Double Cantilever Contact, 28 Circuits, Gold (Au), Feed-To, 22 AWG Wire
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022456287 Datasheet(HTML) 11 Page - Molex Electronics Ltd.

Back Button 0022456287 Datasheet HTML 7Page - Molex Electronics Ltd. 0022456287 Datasheet HTML 8Page - Molex Electronics Ltd. 0022456287 Datasheet HTML 9Page - Molex Electronics Ltd. 0022456287 Datasheet HTML 10Page - Molex Electronics Ltd. 0022456287 Datasheet HTML 11Page - Molex Electronics Ltd. 0022456287 Datasheet HTML 12Page - Molex Electronics Ltd. 0022456287 Datasheet HTML 13Page - Molex Electronics Ltd. 0022456287 Datasheet HTML 14Page - Molex Electronics Ltd. 0022456287 Datasheet HTML 15Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
REVISION:
SHEET No.
BA
ECR/ECN INFORMATION:
EC No.: UCP2009-2291
DATE:
4/17/2009
TITLE:
KK 100 IDT CONNECTOR ASSEMBLY
10
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-7720-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-7720-ANH503B
A-7720-BNH503B
A-7720-CNH503B
A-7720-DNH503B
A-7720-ENH503B
A-7720-FNH503B
HOUSING
7720-AN
HOUSING
7720-BN
HOUSING
7720-CN
HOUSING
7720-DN
HOUSING
7720-EN
HOUSING
7720-FN
TERM. NO
41138-H503
TERM. NO
41138-H503
TERM. NO
41138-H503
TERM. NO 41138-H503
TERM. NO
41138-H503
TERM. NO
41138-H503
PLATING:
503
PLATING:
503
PLATING:
503
PLATING:
503
PLATING:
503
PLATING:
503
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
A-7720-A02H503B
A-7720-B02H503B
22-45-9022
A-7720-C02H503B
A-7720-D02H503B
A-7720-E02H503B
A-7720-F02H503B
A-7720-A03H503B
A-7720-B03H503B
22-45-9032
A-7720-C03H503B
A-7720-D03H503B
A-7720-E03H503B
A-7720-F03H503B
A-7720-A04H503B
A-7720-B04H503B
22-45-9042
A-7720-C04H503B
A-7720-D04H503B
22-45-9045
A-7720-E04H503B
22-45-9047
A-7720-F04H503B
A-7720-A05H503B
A-7720-B05H503B
22-45-9052
A-7720-C05H503B
A-7720-D05H503B
22-45-9055
A-7720-E05H503B
22-45-9057
A-7720-F05H503B
A-7720-A06H503B
A-7720-B06H503B
22-45-9062
A-7720-C06H503B
A-7720-D06H503B
22-45-9065
A-7720-E06H503B
22-45-9067
A-7720-F06H503B
A-7720-A07H503B
A-7720-B07H503B
22-45-9072
A-7720-C07H503B
A-7720-D07H503B
A-7720-E07H503B
22-45-9077
A-7720-F07H503B
A-7720-A08H503B
A-7720-B08H503B
22-45-9082
A-7720-C08H503B
A-7720-D08H503B
A-7720-E08H503B
22-45-9087
A-7720-F08H503B
A-7720-A09H503B
A-7720-B09H503B
22-45-9092
A-7720-C09H503B
A-7720-D09H503B
A-7720-E09H503B
A-7720-F09H503B
A-7720-A10H503B
A-7720-B10H503B
22-45-9102
A-7720-C10H503B
A-7720-D10H503B
A-7720-E10H503B
A-7720-F10H503B
A-7720-A11H503B
A-7720-B11H503B
22-45-9112
A-7720-C11H503B
A-7720-D11H503B
A-7720-E11H503B
22-45-9117
A-7720-F11H503B
A-7720-A12H503B
A-7720-B12H503B
22-45-9122
A-7720-C12H503B
A-7720-D12H503B
A-7720-E12H503B
A-7720-F12H503B
A-7720-A13H503B
A-7720-B13H503B
22-45-9132
A-7720-C13H503B
A-7720-D13H503B
A-7720-E13H503B
A-7720-F13H503B
A-7720-A14H503B
A-7720-B14H503B
22-45-9142
A-7720-C14H503B
A-7720-D14H503B
A-7720-E14H503B
A-7720-F14H503B
A-7720-A15H503B
A-7720-B15H503B
22-45-9152
A-7720-C15H503B
A-7720-D15H503B
A-7720-E15H503B
A-7720-F15H503B
A-7720-A16H503B
A-7720-B16H503B
22-45-9162
A-7720-C16H503B
A-7720-D16H503B
A-7720-E16H503B
A-7720-F16H503B
A-7720-A17H503B
A-7720-B17H503B
22-45-9172
A-7720-C17H503B
A-7720-D17H503B
A-7720-E17H503B
A-7720-F17H503B
A-7720-A18H503B
A-7720-B18H503B
22-45-9182
A-7720-C18H503B
A-7720-D18H503B
A-7720-E18H503B
A-7720-F18H503B
A-7720-A19H503B
A-7720-B19H503B
22-45-9192
A-7720-C19H503B
A-7720-D19H503B
A-7720-E19H503B
A-7720-F19H503B
A-7720-A20H503B
A-7720-B20H503B
22-45-9202
A-7720-C20H503B
A-7720-D20H503B
A-7720-E20H503B
A-7720-F20H503B
A-7720-A21H503B
A-7720-B21H503B
22-45-9212
A-7720-C21H503B
A-7720-D21H503B
A-7720-E21H503B
A-7720-F21H503B
A-7720-A22H503B
A-7720-B22H503B
22-45-9222
A-7720-C22H503B
A-7720-D22H503B
A-7720-E22H503B
A-7720-F22H503B
A-7720-A23H503B
A-7720-B23H503B
22-45-9232
A-7720-C23H503B
A-7720-D23H503B
A-7720-E23H503B
A-7720-F23H503B
A-7720-A24H503B
A-7720-B24H503B
22-45-9242
A-7720-C24H503B
A-7720-D24H503B
A-7720-E24H503B
A-7720-F24H503B
A-7720-A25H503B
A-7720-B25H503B
22-45-9252
A-7720-C25H503B
A-7720-D25H503B
A-7720-E25H503B
A-7720-F25H503B
A-7720-A26H503B
A-7720-B26H503B
22-45-9262
A-7720-C26H503B
A-7720-D26H503B
A-7720-E26H503B
A-7720-F26H503B
A-7720-A27H503B
A-7720-B27H503B
22-45-9272
A-7720-C27H503B
A-7720-D27H503B
A-7720-E27H503B
A-7720-F27H503B
A-7720-A28H503B
A-7720-B28H503B
22-45-9282
A-7720-C28H503B
A-7720-D28H503B
A-7720-E28H503B
A-7720-F28H503B


Similar Part No. - 0022456287

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022456281 MOLEX3-0022456281 Datasheet
481Kb / 19P
   2.54mm (.100") KK IDT Double Cantilever Contact, 28 Circuits, Gold (Au), Feed-Through, 22 AWG Wire
0022456286 MOLEX3-0022456286 Datasheet
482Kb / 20P
   2.54mm (.100") KK IDT Double Cantilever Contact, 28 Circuits, Gold (Au), Feed-Through, 22 AWG Wire
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com