Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022289240 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 0022289240
Description  2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 24 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244"), with Kinked PC Tails
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022289240 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 0022289240 Datasheet HTML 5Page - Molex Electronics Ltd. 0022289240 Datasheet HTML 6Page - Molex Electronics Ltd. 0022289240 Datasheet HTML 7Page - Molex Electronics Ltd. 0022289240 Datasheet HTML 8Page - Molex Electronics Ltd. 0022289240 Datasheet HTML 9Page - Molex Electronics Ltd. 0022289240 Datasheet HTML 10Page - Molex Electronics Ltd. 0022289240 Datasheet HTML 11Page - Molex Electronics Ltd. 0022289240 Datasheet HTML 12Page - Molex Electronics Ltd. 0022289240 Datasheet HTML 13Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-0952
X1
DATE:
10/31/2008
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 7 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42377-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42377-0352/0386
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BCB228
PIN LENGTH: L
.565/14.35
MATING LENGTH: M
.244/6.20
GOLD POINT: G
.100/2.54
PIN HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.135/3.43.
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
PER SMES-42003
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-9024 42377-0352
20
22-28-9204 42377-0370
03
22-28-9034 42377-0353
21
22-28-9214 42377-0371
04
22-28-9044 42377-0354
22
22-28-9224 42377-0372
05
22-28-9054 42377-0355
23
22-28-9234 42377-0373
06
22-28-9064 42377-0356
24
22-28-9244 42377-0374
07
22-28-9074 42377-0357
25
22-28-9254 42377-0375
08
22-28-9084 42377-0358
26
22-28-9264 42377-0376
09
22-28-9094 42377-0359
27
22-28-9274 42377-0377
10
22-28-9104 42377-0360
28
22-28-9284 42377-0378
11
22-28-9114 42377-0361
29
22-28-9294 42377-0379
12
22-28-9124 42377-0362
30
22-28-9304 42377-0380
13
22-28-9134 42377-0363
31
22-28-9314 42377-0381
14
22-28-9144 42377-0364
32
22-28-9324 42377-0382
15
22-28-9154 42377-0365
33
22-28-9334 42377-0383
16
22-28-9164 42377-0366
34
22-28-9344 42377-0384
17
22-28-9174 42377-0367
35
22-28-9354 42377-0385
18
22-28-9184 42377-0368
36
22-28-9364 42377-0386
19
22-28-9194 42377-0369
A-42377-0387/0421
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BXB228
PIN LENGTH: L
.630/16.00
MATING LENGTH: M
.324/8.23
GOLD POINT: G
.140/3.56
PIN HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.135/3.43
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
PER SMES-42003
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-9025
42377-0387
20
22-28-9205 42377-0405
03
22-28-9035
42377-0388
21
22-28-9215 42377-0406
04
22-28-9045
42377-0389
22
22-28-9225 42377-0407
05
22-28-9055
42377-0390
23
22-28-9235 42377-0408
06
22-28-9065
42377-0391
24
22-28-9245 42377-0409
07
22-28-9075
42377-0392
25
22-28-9255 42377-0410
08
22-28-9085
42377-0393
26
22-28-9265 42377-0411
09
22-28-9095
42377-0394
27
22-28-9275 42377-0412
10
22-28-9105
42377-0395
28
22-28-9285 42377-0413
11
22-28-9115
42377-0396
29
22-28-9295 42377-0414
12
22-28-9125
42377-0397
30
22-28-9305 42377-0415
13
22-28-9135
42377-0398
31
22-28-9315 42377-0416
14
22-28-9145
42377-0399
32
22-28-9325 42377-0417
15
22-28-9155
42377-0400
33
22-28-9335 42377-0418
16
22-28-9165
42377-0401
34
22-28-9345 42377-0419
17
22-28-9175
42377-0402
35
22-28-9355 42377-0420
18
22-28-9185
42377-0403
36
22-28-9365 42377-0421
19
22-28-9195
42377-0404


Similar Part No. - 0022289240

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022289241 MOLEX3-0022289241 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 24 Circuits, Tin (Sn) Plating, Mating Pin Length 8.23mm (.324"), with Kinked PC Tails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com