Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2478TL Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2478TL
Description  3.96mm (.156") Pitch KK짰 Crimp Terminal 2478, 18-24 AWG, Bag, Brass, 0.9關m (35關") Pre-Plated Tin (Sn)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

2478TL Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2478TL Datasheet HTML 1Page - Molex Electronics Ltd. 2478TL Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0039000342
Status:
Active
Overview:
kk
Description:
3.96mm (.156") Pitch KK® Crimp Terminal 2478, 18-24 AWG, Bag, Brass, 0.9µm
(35µ") Pre-Plated Tin (Sn)
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
2478
Crimp Quality Equipment
Yes
Overview
kk
Product Name
KK®
Physical
Durability (mating cycles max)
25
Gender
Female
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Bag
Plating min: Mating (µin)
35
Plating min: Mating (µm)
0.90
Plating min: Termination (µin)
35
Plating min: Termination (µm)
0.88
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.30-2.50mm (.051-.098")
Wire Size AWG
18, 24
Wire Size mm²
0.21 TO 0.82
Material Info
Old Part Number
2478-TL
Reference - Drawing Numbers
Sales Drawing
SD-2478*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
2478Series
Use With
2574 , 2139 , 41695
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extraction Tool
0011030016
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 2478TL

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2478T MOLEX3-2478T Datasheet
95Kb / 3P
   3.96mm (.156") Pitch KK짰 Crimp Terminal 2478, 18-24 AWG, Reel, Brass, 0.9關m (35關") Pre-Plated Gold (Au)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com