Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26-48-1161 Datasheet(PDF) 11 Page - Molex Electronics Ltd.

Part # 26-48-1161
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 16 Circuits, Tin (Sn) Plating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

26-48-1161 Datasheet(HTML) 11 Page - Molex Electronics Ltd.

Back Button 26-48-1161 Datasheet HTML 7Page - Molex Electronics Ltd. 26-48-1161 Datasheet HTML 8Page - Molex Electronics Ltd. 26-48-1161 Datasheet HTML 9Page - Molex Electronics Ltd. 26-48-1161 Datasheet HTML 10Page - Molex Electronics Ltd. 26-48-1161 Datasheet HTML 11Page - Molex Electronics Ltd. 26-48-1161 Datasheet HTML 12Page - Molex Electronics Ltd. 26-48-1161 Datasheet HTML 13Page - Molex Electronics Ltd. 26-48-1161 Datasheet HTML 14Page - Molex Electronics Ltd. 26-48-1161 Datasheet HTML 15Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-1384
BD1
DATE:
2/10/2010
TITLE:
KK 156 HEADER ASSEMBLY
FLAT BREAKAWAY
2-24 CKTS
- 9 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41661 -001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
PIN NUMBER
2161-65(501)
PIN NUMBER
2161-1(501)
PIN NUMBER
CONTINUED
PIN NUMBER
2161-37(102)
PIN LENGTH
22.71/.894
PIN LENGTH
19.05/.750
PIN LENGTH
PIN LENGTH
27.94/1.100
PLATING
501
PLATING
501
PLATING
FROM
PLATING
102
MATING “M”
15.09/.594
MATING “M”
11.43/.450
MATING “M”
MATING “M”
12.34/.486
PCB “P”
4.37/.172
PCB “P”
4.37/.172
PCB “P”
LAST
PCB “P”
12.34/.486
GOLD “G”
OVERALL
GOLD “G”
OVERALL
GOLD “G”
GOLD “G”
N/A
TIN “T”
N/A
TIN “T”
N/A
TIN
“T”
COLUMN
TIN
“T”
OVERALL
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PACKAGING
PK-41661-001
STATUS
STATUS
STATUS
STATUS
A-41661-ANAE501-*
A-41661-ANA501-*
A-41661-ANA501-*
A-41661-ANCC102-*
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
26-48-2020
-A2AE501
26-48-2021
-A2A501
41661-0380
-A2CC102
26-48-2030
-A3AE501
26-48-2031
-A3A501
26-49-7171
-A17A501-51
2,4,6,8,10,1
2,14,16
41661-0381
-A3CC102
26-48-2040
-A4AE501
26-48-2041
-A4A501
41661-0382
-A4CC102
26-48-2050
-A5AE501
26-48-2051
-A5A501
41661-0383
-A5CC102
26-48-2060
-A6AE501
26-48-2061
-A6A501
41661-0384
-A6CC102
26-48-2070
-A7AE501
26-48-2071
-A7A501
41661-0385
-A7CC102
26-48-2080
-A8AE501
26-48-2081
-A8A501
41661-0386
-A8CC102
26-48-2090
-A9AE501
26-48-2091
-A9A501
41661-0387
-A9CC102
26-48-2100
-A10AE501
26-48-2101
-A10A501
41661-0388
-A10CC102
26-48-2110
-A11AE501
26-48-2111
-A11A501
41661-0389
-A11CC102
26-48-2120
-A12AE501
26-48-2121
-A12A501
41661-0390
-A12CC102
26-48-2130
-A13AE501
26-48-2131
-A13A501
41661-0391
-A13CC102
26-48-2140
-A14AE501
26-48-2141
-A14A501
41661-0392
-A14CC102
26-48-2150
-A15AE501
26-48-2151
-A15A501
41661-0393
-A15CC102
26-48-2160
-A16AE501
26-48-2161
-A16A501
41661-0394
-A16CC102
26-48-2170
-A17AE501
26-48-2171
-A17A501
41661-0395
-A17CC102
26-48-2180
-A18AE501
26-48-2181
-A18A501
41661-0396
-A18CC102
26-48-2190
-A19AE501
26-48-2191
-A19A501
41661-0397
-A19CC102
26-48-2200
-A20AE501
26-48-2201
-A20A501
41661-0398
-A20CC102
26-48-2210
-A21AE501
26-48-2211
-A21A501
41661-0399
-A21CC102
26-48-2220
-A22AE501
26-48-2221
-A22A501
41661-0400
-A22CC102
26-48-2230
-A23AE501
26-48-2231
-A23A501
41661-0401
-A23CC102
26-48-2240
-A24AE501
26-48-2241
-A24A501
41661-0402
-A24CC102


Similar Part No. - 26-48-1161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-48-1161 MOLEX11-26-48-1161 Datasheet
56Kb / 2P
   KK짰 396 Breakaway Header, Vertical, 16 Circuits, Tin (Sn) Plating
26-48-1161 MOLEX-26-48-1161 Datasheet
487Kb / 14P
   KK .156 HEADER ASSEMBLY FLAT BREAKAWAY 2-24 CKTS
2004/03/04
26-48-1161 MOLEX-26-48-1161 Datasheet
487Kb / 14P
   KK .156 HEADER ASSEMBLY FLAT BREAKAWAY 2-24 CKTS
2004/03/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com