Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-28-7081 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 22-28-7081
Description  2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, 8 Circuits, Tin (Sn) Plating, Mating Pin Length 10.29mm (.405"), with Kinked PC Tails
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

22-28-7081 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  22-28-7081 Datasheet HTML 1Page - Molex Electronics Ltd. 22-28-7081 Datasheet HTML 2Page - Molex Electronics Ltd. 22-28-7081 Datasheet HTML 3Page - Molex Electronics Ltd. 22-28-7081 Datasheet HTML 4Page - Molex Electronics Ltd. 22-28-7081 Datasheet HTML 5Page - Molex Electronics Ltd. 22-28-7081 Datasheet HTML 6Page - Molex Electronics Ltd. 22-28-7081 Datasheet HTML 7Page - Molex Electronics Ltd. 22-28-7081 Datasheet HTML 8Page - Molex Electronics Ltd. 22-28-7081 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV:
ECR / ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1603
K13
DATE:
4/23/2009
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42376-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42376-0002 / 0036
HEADER NUMBER:
42312-0002/0036
PIN NUMBER:
42663-BKA154
PIN LENGTH: L
.600/15.24
MATING LENGTH: M
.361/9.17
GOLD POINT: G
N/A
PIN HEIGHT: Y
.142/3.61
PC TAIL LENGTH: P
.120/3.05
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-6020
42376-0002
20
22-28-6200
42376-0020
03
22-28-6030
42376-0003
21
22-28-6210
42376-0021
04
22-28-6040
42376-0004
22
22-28-6220
42376-0022
05
22-28-6050
42376-0005
23
22-28-6230
42376-0023
06
22-28-6060
42376-0006
24
22-28-6240
42376-0024
07
22-28-6070
42376-0007
25
22-28-6250
42376-0025
08
22-28-6080
42376-0008
26
22-28-6260
42376-0026
09
22-28-6090
42376-0009
27
22-28-6270
42376-0027
10
22-28-6100
42376-0010
28
22-28-6280
42376-0028
11
22-28-6110
42376-0011
29
22-28-6290
42376-0029
12
22-28-6120
42376-0012
30
22-28-6300
42376-0030
13
22-28-6130
42376-0013
31
22-28-6310
42376-0031
14
22-28-6140
42376-0014
32
22-28-6320
42376-0032
15
22-28-6150
42376-0015
33
22-28-6330
42376-0033
16
22-28-6160
42376-0016
34
22-28-6340
42376-0034
17
22-28-6170
42376-0017
35
22-28-6350
42376-0035
18
22-28-6180
42376-0018
36
22-28-6360
42376-0036
19
22-28-6190
42376-0019
A-42376-0037 / 0071
HEADER NUMBER:
42312-0002/0036
PIN NUMBER:
42663-BKB208
PIN LENGTH: L
.600/15.24
MATING LENGTH: M
.361/9.17
GOLD POINT: G
.180/4.57
PIN HEIGHT: Y
.142/3.61
PC TAIL LENGTH: P
.120/3.05
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-6022
42376-0037
20
22-28-6202
42376-0055
03
22-28-6032
42376-0038
21
22-28-6212
42376-0056
04
22-28-6042
42376-0039
22
22-28-6222
42376-0057
05
22-28-6052
42376-0040
23
22-28-6232
42376-0058
06
22-28-6062
42376-0041
24
22-28-6242
42376-0059
07
22-28-6072
42376-0042
25
22-28-6252
42376-0060
08
22-28-6082
42376-0043
26
22-28-6262
42376-0061
09
22-28-6092
42376-0044
27
22-28-6272
42376-0062
10
22-28-6102
42376-0045
28
22-28-6282
42376-0063
11
22-28-6112
42376-0046
29
22-28-6292
42376-0064
12
22-28-6122
42376-0047
30
22-28-6302
42376-0065
13
22-28-6132
42376-0048
31
22-28-6312
42376-0066
14
22-28-6142
42376-0049
32
22-28-6322
42376-0067
15
22-28-6152
42376-0050
33
22-28-6332
42376-0068
16
22-28-6162
42376-0051
34
22-28-6342
42376-0069
17
22-28-6172
42376-0052
35
22-28-6352
42376-0070
18
22-28-6182
42376-0053
36
22-28-6362
42376-0071
19
22-28-6192
42376-0054


Similar Part No. - 22-28-7081

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-7081 MOLEX11-22-28-7081 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, 8 Circuits, Tin (Sn) Plating, Mating Pin Length 10.29mm (.405"), with Kinked PC Tails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com