Electronic Components Datasheet Search |
|
26-23-2091 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
26-23-2091 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0026232091 Status: Active Overview: kk Description: 3.96mm (.156") Pitch KK® Wire-to-Board Header, Vertical Round Pin, 9 Circuits, Gold (Au) Plating, with Mating Pin Length of 11.43mm (.450") Documents: 3D Model Product Specification PS-99020-0087 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification UL E29179 General Product Family PCB Headers Series 3192 Application Board-to-Board, Wire-to-Board Overview kk Product Name KK® Physical Breakaway No Circuits (Loaded) 9 Circuits (maximum) 9 Color - Resin Natural First Mate / Last Break No Flammability 94V-2 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part None Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Gold Material - Resin Nylon Number of Rows 1 Orientation Vertical PC Tail Length (in) 0.175 In PC Tail Length (mm) 4.45 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Bag Pitch - Mating Interface (in) 0.156 In Pitch - Mating Interface (mm) 3.96 mm Plating min: Mating (µin) 20 Plating min: Mating (µm) 0.5 Plating min: Termination (µin) 20 Plating min: Termination (µm) 0.5 Polarized to Mating Part No Polarized to PCB No Shrouded No Stackable Yes Temperature Range - Operating 0°C to +75°C Termination Interface: Style Through Hole Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 3192Series |
Similar Part No. - 26-23-2091 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |