Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTZ56E Datasheet(PDF) 1 Page - Rohm

Part # FTZ56E
Description  Zener diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FTZ56E Datasheet(HTML) 1 Page - Rohm

  FTZ56E Datasheet HTML 1Page - Rohm FTZ56E Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FTZ5.6E
Diodes
Zener diode
FTZ5.6E
!
!
!
!Applications
Constant voltage control
Noise suppression on signal line
!
!
!
!Features
1) Small surface mounting type.(SMD5)
2) Multiple diodes with common anode configuration.
3) High reliability.
!
!
!
!Construction
Silicon epitaxial planar
!
!
!
!Circuit
!
!
!
!External dimensions
(Units: mm)
0~0.1
0.3~0.6
1.1
0.8±0.1
0.15
0.3
2.9±0.2
1.9±0.2
0.95 0.95
−0.1
+0.2
+0.1
−0.06
+0.1
−0.05
D 6 E
(All leads have the same dimensions.)
ROHM : SMD5
EIAJ : SC-74A
JEDEC :
!
!
!
!Absolute maximum ratings
(Ta = 25°C)
Parameter
Symbol
Limits
200
Unit
mW
Tj
125
˚C
Tstg
-55~+125
˚C
P
∗ Total of 4 elements
Power dissipation∗
Junction temperature
Storage temperature
!
!
!
!Electrical characteristics
(Ta = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VZ
IR
5.31
5.92
1
V
µA
IZ = 5mA
VR = 2.5V
Zz
−−
60
IZ = 5mA
ZZK
−−
200
IZ = 0.5mA
Zener voltage
Reverse current
Operating resistance
Rising operating resistance


Similar Part No. - FTZ56E

ManufacturerPart #DatasheetDescription
logo
Rohm
FTZ5.6E ROHM-FTZ5.6E Datasheet
67Kb / 3P
   Zener diode
FTZ5.6E ROHM-FTZ5.6E Datasheet
179Kb / 3P
   Zener diode
FTZ5.6E ROHM-FTZ5.6E Datasheet
159Kb / 3P
   Zener diode
FTZ5.6E ROHM-FTZ5.6E Datasheet
324Kb / 6P
   Zener diode
FTZ5.6E ROHM-FTZ5.6E_08 Datasheet
159Kb / 3P
   Zener diode
More results

Similar Description - FTZ56E

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com