Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMY5 Datasheet(PDF) 2 Page - Rohm

Part # FMY5
Description  General purpose (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMY5 Datasheet(HTML) 2 Page - Rohm

  FMY5 Datasheet HTML 1Page - Rohm FMY5 Datasheet HTML 2Page - Rohm FMY5 Datasheet HTML 3Page - Rohm FMY5 Datasheet HTML 4Page - Rohm FMY5 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FMY5
Transistor
Rev.B
2/4
Electrical characteristics (Ta=25
°C)
Note:The slash denotes NPN/PNP. PNP type negative symbols have been omitted.
∗Transition frequency of the device.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
120
120
5
0.5
0.5
0.5
V
V
V
µA
µA
V
IC = 50/
−50µA
IC = 1/
−1mA
IE = 50/
−50µA
VCB = 100/
−100V
VEB = 4/
−4V
IC = 10/
−10mA, IB = 1/−1mA
hFE
180
820
VCE = 6/
−6V, IC = 2/−2mA
fT
Cob
140
3/4
MHz
pF
VCE = 12/
−12V, IE = −2/2mA, f = 100MHz
VCB = 12/
−12V, IE = 0A, f = 1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff curren
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
Electrical characteristics curves
Tr1
0
−20
−16
−12
−8
−4
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
−2
−4
−6
−8
−10
Fig.1 Ground emitter output characteristics
Ta
=25°C
−25.0
−22.5
−20.0
−17.5
−15.0
−12.5
−10.0
−7.5
−5.0
−2.5µA
IB
=0
0
−1.6
−1.4
−1.2
−1.0
−0.8
−0.6
−0.4
−0.2
BASE TO EMITTER VOLTAGE : VBE (V)
−0.1
−0.2
−0.5
−1
−2
−5
−10
−20
−50
Fig.2 Ground emitter propagation
characteristics
VCE
= −6V
Ta
=25°C
500
200
100
50
−0.2
−0.5
−1
−2
−5
−10
−20
−50
Fig.3 DC current gain vs. collector current
COLLECTOR CURRENT : IC
(mA)
Ta
=25°C
VCE
= −1V
−5V
−0.05
−0.1
−0.2
−0.5
−0.2
−0.5
−1
−2
−5
−10
−20
−50
Fig.4 Collector-Emitter saturation voltage
vs. collector current
COLLECTOR CURRENT : IC
(mA)
Ta
=25°C
IC/IB
=50/1
20/1
10/1
500
200
100
50
0.5
1
2
5
10
20
50
VCE
= −6V
Fig.5 Transition frequency
vs. emitter current
EMITTER CURRENT : IE
(mA)
Ta
=25°C
10
20
5
2
1
−0.5
−1
−2
−5
−10
−20
f
=1MHZ
IE
=0A
Fig.6 Collector output capacitance
vs. collector-base voltage
COLLECTOR TO BASE VOLTAGE : VCB
(V)
Ta
=25°C
Cob


Similar Part No. - FMY5

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMY-1036S SANKEN-FMY-1036S Datasheet
138Kb / 6P
   Silicon Diode
FMY-1036S SANKEN-FMY-1036S Datasheet
138Kb / 6P
   Silicon Diode
FMY-1106S SANKEN-FMY-1106S Datasheet
139Kb / 6P
   Silicon Diode
FMY-1106S SANKEN-FMY-1106S Datasheet
139Kb / 6P
   Silicon Diode
FMY-2206S SANKEN-FMY-2206S Datasheet
148Kb / 6P
   Silicon Diode
More results

Similar Description - FMY5

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com