Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70018-0007 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 70018-0007
Description  2.54mm (.100") Pitch, SL??Single Row Wire-to-Wire Panel Mount, 8 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

70018-0007 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  70018-0007 Datasheet HTML 1Page - Molex Electronics Ltd. 70018-0007 Datasheet HTML 2Page - Molex Electronics Ltd. 70018-0007 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0050650208
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch, SL™ Single Row Wire-to-Wire Panel Mount, 8 Circuits
Documents:
3D Model
Packaging Specification (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Accessories
Series
70018
Component Type
Branch
Overview
cgrid__sl_products
Product Name
SL™
Physical
Circuits (Loaded)
8
Color - Resin
Black
Flammability
94V-0
Lock to Mating Part
Yes
Material - Resin
Polyester
Packaging Type
Bag
Material Info
Old Part Number
70018-0007
Reference - Drawing Numbers
Sales Drawing
SD-70018-0001-0024
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70018Series
Use With
70066 SL™ Crimp Housing. 70475 SL™
IDT Connector Assembly. 70431 SL™ FFC/
FPC Connector
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 70018-0007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70018-0001 MOLEX3-70018-0001 Datasheet
199Kb / 3P
   2.54mm (.100") Pitch, SL??Single Row Wire-to-Wire Panel Mount, 2 Circuits
70018-0002 MOLEX3-70018-0002 Datasheet
199Kb / 3P
   2.54mm (.100") Pitch, SL Single Row Wire-to-Wire Panel Mount, 3 Circuits
70018-0003 MOLEX3-70018-0003 Datasheet
132Kb / 2P
   2.54mm (.100") Pitch, SL??Single Row Wire-to-Wire Panel Mount, 4 Circuits
70018-0004 MOLEX3-70018-0004 Datasheet
199Kb / 3P
   2.54mm (.100") Pitch, SL??Single Row Wire-to-Wire Panel Mount, 5 Circuits
70018-0005 MOLEX3-70018-0005 Datasheet
199Kb / 3P
   2.54mm (.100") Pitch, SL??Single Row Wire-to-Wire Panel Mount, 6 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com