Electronic Components Datasheet Search |
|
25-02-1014 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
25-02-1014 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 03/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0025021014 Status: Active Description: 2.54mm (.100") Pitch C-Grid® Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 14 Circuits, 0.76µm (30µ") Gold (Au) Selective Plating Documents: 3D Model Product Specification PS-70204 (PDF) Packaging Specification (PDF) RoHS Certificate of Compliance (PDF) Drawing (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 70204 Application Board-to-Board Product Name C-Grid® Physical Breakaway No Circuits (Loaded) 14 Circuits (maximum) 14 Durability (mating cycles max) 50 Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part Yes Lock to Mating Part None Material - Metal Brass, Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Number of Rows 2 Orientation Vertical PC Tail Length (in) 0.110 In PC Tail Length (mm) 2.79 mm PCB Locator No PCB Retention None Packaging Type Tray Pitch - Mating Interface (in) 0.100 In Pitch - Mating Interface (mm) 2.54 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.75 Plating min: Termination (µin) 75 Plating min: Termination (µm) 1.91 Polarized to Mating Part Yes Polarized to PCB No Shrouded Fully Stackable No Temperature Range - Operating -40°C to +105°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 3A Voltage - Maximum 250V Solder Process Data Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 70204Series Mates With 71973 |
Similar Part No. - 25-02-1014 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |