Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39-00-0338 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39-00-0338
Description  1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1855, 3.68mm (.145") Pitch, Female, Tin (Sn) Plated Brass Contact, 22-28 AWG, Reel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

39-00-0338 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39-00-0338 Datasheet HTML 1Page - Molex Electronics Ltd. 39-00-0338 Datasheet HTML 2Page - Molex Electronics Ltd. 39-00-0338 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0039000338
Status:
Active
Overview:
standard_062
Description:
1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1855,
3.68mm (.145") Pitch, Female, Tin (Sn) Plated Brass Contact, 22-28 AWG, Reel
Documents:
Drawing (PDF)
Product Specification PS-1855-003 (PDF)
Product Specification PS-1855-002 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
1855
Crimp Quality Equipment
Yes
Overview
standard_062
Product Name
Standard .062"
Physical
Gender
Female
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
35
Plating min: Mating (µm)
0.88
Plating min: Termination (µin)
35
Plating min: Termination (µm)
0.88
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.10-1.50mm (.043-.059")
Wire Size AWG
22, 24, 26, 28
Wire Size mm²
N/A
Material Info
Old Part Number
1855T
Reference - Drawing Numbers
Packaging Specification
SPK-1855-001
Product Specification
PS-1855-002, PS-1855-003
Sales Drawing
SD-1855*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1855Series
Use With
1625nr Receptacle Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Mini-Mac™
Applicator
0638914000
Hand Crimp Tool
0638190800
Manual Extraction
Tool
0011030002
Japan
Description
Product #
Applicator for M211A
Bench Press, 18-28
0011260072


Similar Part No. - 39-00-0338

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-00-0330 MOLEX3-39-00-0330 Datasheet
108Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1560, Male, with Gold (Au) over Nickel Plated Brass Contact, 18-24 AWG, Bag
39-00-0331 MOLEX3-39-00-0331 Datasheet
118Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1561, 3.68mm (.145") Pitch, Female, Tin (Sn) Plated Brass Contact, 18-24 AWG, Bag
39-00-0333 MOLEX3-39-00-0333 Datasheet
119Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, 3.68mm (.145") Pitch, Female, Gold (Au) over Nickel (Ni) Plated Brass Contact, Reel
39-00-0334 MOLEX3-39-00-0334 Datasheet
118Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, 3.68mm (.145") Pitch
39-00-0335 MOLEX3-39-00-0335 Datasheet
96Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com