Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39-00-0330 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 39-00-0330
Description  1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1560, Male, with Gold (Au) over Nickel Plated Brass Contact, 18-24 AWG, Bag
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

39-00-0330 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  39-00-0330 Datasheet HTML 1Page - Molex Electronics Ltd. 39-00-0330 Datasheet HTML 2Page - Molex Electronics Ltd. 39-00-0330 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 39-00-0330

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-00-0331 MOLEX3-39-00-0331 Datasheet
118Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1561, 3.68mm (.145") Pitch, Female, Tin (Sn) Plated Brass Contact, 18-24 AWG, Bag
39-00-0333 MOLEX3-39-00-0333 Datasheet
119Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, 3.68mm (.145") Pitch, Female, Gold (Au) over Nickel (Ni) Plated Brass Contact, Reel
39-00-0334 MOLEX3-39-00-0334 Datasheet
118Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, 3.68mm (.145") Pitch
39-00-0335 MOLEX3-39-00-0335 Datasheet
96Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854
39-00-0336 MOLEX3-39-00-0336 Datasheet
97Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com