Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

38-00-1438 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

Part # 38-00-1438
Description  2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 18 Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

38-00-1438 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Back Button 38-00-1438 Datasheet HTML 6Page - Molex Electronics Ltd. 38-00-1438 Datasheet HTML 7Page - Molex Electronics Ltd. 38-00-1438 Datasheet HTML 8Page - Molex Electronics Ltd. 38-00-1438 Datasheet HTML 9Page - Molex Electronics Ltd. 38-00-1438 Datasheet HTML 10Page - Molex Electronics Ltd. 38-00-1438 Datasheet HTML 11Page - Molex Electronics Ltd. 38-00-1438 Datasheet HTML 12Page - Molex Electronics Ltd. 38-00-1438 Datasheet HTML 13Page - Molex Electronics Ltd. 38-00-1438 Datasheet HTML 14Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
KK 100 PCB ASSY 2-25 CKT
4455 SERIES
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-2172
D7
DATE:
4/15/2010
TITLE:
KK 100 PCB ASSY
4455 SERIES DWG
- 8 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-4455
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy Proc:
RIGHT ANGLE
Assy Proc:
RIGHT ANGLE
Assy Proc:
RIGHT ANGLE
Assy Proc:
RIGHT ANGLE
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Housing No:
4455-NR
Housing No:
4455-N
Housing No:
4455-N
Housing No:
4455-N
Terminal No:
4316-4(P909)
Terminal No:
4316-4(228)
Terminal No:
6516-4(228)
Terminal No:
6516-4(228)
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Plating:
P909
Plating:
228
Plating:
228
Plating:
228
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Voids:
NONE
Voids:
NONE
Voids:
NONE
Voids:
NONE
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
22-15-4022
A-4455-AR02A(P909)
A-4455-AZ02A(228)
22-17-5023
A-4455-AZ02B(228)
22-16-2022
A-4455-AZ02B(228)
3
22-15-4032
A-4455-AR 03 A(P909)
A-4455-AZ 03 A(228)
22-17-5033
A-4455-AZ 03 B(228)
22-16-2032
A-4455-AZ 03 B(228)
4
22-15-4042
A-4455-AR 04 A(P909)
A-4455-AZ 04 A(228)
22-17-5043
A-4455-AZ 04 B(228)
22-16-2042
A-4455-AZ 04 B(228)
5
22-15-4052
A-4455-AR 05 A(P909)
A-4455-AZ 05 A(228)
22-17-5053
A-4455-AZ 05 B(228)
22-16-2052
A-4455-AZ 05 B(228)
6
22-15-4062
A-4455-AR 06 A(P909)
A-4455-AZ 06 A(228)
22-17-5063
A-4455-AZ 06 B(228)
22-16-2062
A-4455-AZ 06 B(228)
7
22-15-4072
A-4455-AR 07 A(P909)
A-4455-AZ 07 A(228)
22-17-5073
A-4455-AZ 07 B(228)
22-16-2072
A-4455-AZ 07 B(228)
8
22-15-4082
A-4455-AR 08 A(P909)
A-4455-AZ 08 A(228)
22-17-5083
A-4455-AZ 08 B(228)
22-16-2082
A-4455-AZ 08 B(228)
9
22-15-4092
A-4455-AR 09 A(P909)
A-4455-AZ 09 A(228)
22-17-5093
A-4455-AZ 09 B(228)
22-16-2092
A-4455-AZ 09 B(228)
10
22-15-4102
A-4455-AR 10 A(P909)
A-4455-AZ 10 A(228)
22-17-5103
A-4455-AZ 10 B(228)
22-16-2102
A-4455-AZ 10 B(228)
11
22-15-4112
A-4455-AR 11 A(P909)
A-4455-AZ 11 A(228)
22-17-5113
A-4455-AZ 11 B(228)
22-16-2112
A-4455-AZ 11 B(228)
12
22-15-4122
A-4455-AR 12 A(P909)
A-4455-AZ 12 A(228)
22-17-5123
A-4455-AZ 12 B(228)
22-16-2122
A-4455-AZ 12 B(228)
13
22-15-4132
A-4455-AR 13 A(P909)
A-4455-AZ 13 A(228)
22-17-5133
A-4455-AZ 13 B(228)
22-16-2132
A-4455-AZ 13 B(228)
14
22-15-4142
A-4455-AR 14 A(P909)
A-4455-AZ 14 A(228)
22-17-5143
A-4455-AZ 14 B(228)
22-16-2142
A-4455-AZ 14 B(228)
15
22-15-4152
A-4455-AR 15 A(P909)
A-4455-AZ 15 A(228)
22-17-5153
A-4455-AZ 15 B(228)
22-16-2152
A-4455-AZ 15 B(228)
16
22-15-4162
A-4455-AR 16 A(P909)
A-4455-AZ 16 A(228)
22-17-5163
A-4455-AZ 16 B(228)
22-16-2162
A-4455-AZ 16 B(228)
17
22-15-4172
A-4455-AR 17 A(P909)
A-4455-AZ 17 A(228)
22-17-5173
A-4455-AZ 17 B(228)
22-16-2172
A-4455-AZ 17 B(228)
18
22-15-4182
A-4455-AR 18 A(P909)
A-4455-AZ 18 A(228)
22-17-5183
A-4455-AZ 18 B(228)
22-16-2182
A-4455-AZ 18 B(228)
19
22-15-4192
A-4455-AR 19 A(P909)
A-4455-AZ 19 A(228)
22-17-5193
A-4455-AZ 19 B(228)
22-16-2192
A-4455-AZ 19 B(228)
20
22-15-4202
A-4455-AR 20 A(P909)
22-17-5201
A-4455-AZ 20 A(228)
22-17-5203
A-4455-AZ 20 B(228)
22-16-2202
A-4455-AZ 20 B(228)
21
22-15-4212
A-4455-AR 21 A(P909)
A-4455-AZ 21 A(228)
22-17-5213
A-4455-AZ 21 B(228)
22-16-2212
A-4455-AZ 21 B(228)
22
22-15-4222
A-4455-AR 22 A(P909)
A-4455-AZ 22 A(228)
22-17-5223
A-4455-AZ 22 B(228)
22-16-2222
A-4455-AZ 22 B(228)
23
22-15-4232
A-4455-AR 23 A(P909)
A-4455-AZ 23 A(228)
22-17-5233
A-4455-AZ 23 B(228)
22-16-2232
A-4455-AZ 23 B(228)
24
22-15-4242
A-4455-AR 24 A(P909)
22-17-3247
A-4455-AZ 24 A(228)
22-17-5243
A-4455-AZ 24 B(228)
22-16-2242
A-4455-AZ 24 B(228)
25
22-15-4252
A-4455-AR 25 A(P909)
A-4455-AZ 25 A(228)
22-17-5253
A-4455-AZ 25 B(228)
22-16-2252
A-4455-AZ 25 B(228)


Similar Part No. - 38-00-1438

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
38-00-1430 MOLEX3-38-00-1430 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Top Entry, 10 Circuits
38-00-1431 MOLEX3-38-00-1431 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Top Entry, 11 Circuits
38-00-1432 MOLEX3-38-00-1432 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 12 Circuits
38-00-1433 MOLEX3-38-00-1433 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Top Entry, 13 Circuits
38-00-1434 MOLEX3-38-00-1434 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 14 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com